Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEFC1C331P Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EEEFC1C331P
Description  SMT Aluminum Electrolytic Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFC1C331P Datasheet(HTML) 7 Page - Panasonic Semiconductor

  EEEFC1C331P Datasheet HTML 1Page - Panasonic Semiconductor EEEFC1C331P Datasheet HTML 2Page - Panasonic Semiconductor EEEFC1C331P Datasheet HTML 3Page - Panasonic Semiconductor EEEFC1C331P Datasheet HTML 4Page - Panasonic Semiconductor EEEFC1C331P Datasheet HTML 5Page - Panasonic Semiconductor EEEFC1C331P Datasheet HTML 6Page - Panasonic Semiconductor EEEFC1C331P Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
SMT Aluminum Electrolytic Capacitors
Reflow Profile
Peak Temperature
Time above 200
R
3mm to 5mm
No
Sn-Pb
240
for 5 seconds
20 seconds
(1) Fig.1
P
6mm
No
Sn-Pb
240
for 5 seconds
20 seconds
(1) Fig.1
P
8mm to 10mm
No
Sn-Pb
230
for 5 seconds
20 seconds
(2) Fig.2
R
4mm to 5mm
No
Sn-Pb
240
for 5 seconds
20 seconds
(1) Fig.1
P
6mm
No
Sn-Pb
240
for 5 seconds
20 seconds
(1) Fig.1
P
8mm to 10mm
No
Sn-Pb
230
for 5 seconds
20 seconds
(2) Fig.2
(2) Fig.2 (Except for EB series)
(3) Fig.3 (EB series only)
(2) Fig.2 (Except for EB series)
(3) Fig.3 (EB series only)
R
3mm to 5mm
Yes
Sn-Bi
250
for 5 seconds
60 seconds
(4) Fig.4
6mm
Yes
Sn-Bi
250
for 5 seconds
60 seconds
(4) Fig.4
P
8mm to 10mm
Yes
Sn-Bi
235
for 5 seconds
60 seconds
(5) Fig.5
Reflow Condition
Reflow Chart
ECE-V
Pre-fix
Suffix
Case Diameter
EEE-
RoHS
Compliant
Terminal
Finish
EEV-
Q
12.5mm
Yes
Sn
230
for 5 seconds
20 seconds
M
16mm to 18mm
Yes
Sn
230
for 5 seconds
20 seconds
Fig. 1
200
210
220
230
240
250
260
0
10
20304050
6070
Time in 200deg.C or more / s
Fig. 2
200
210
220
230
240
250
260
0
102030
40506070
Time in 200deg.C or more / s
Fig. 3
200
210
220
230
240
250
260
0
1020
3040
5060
70
Time in 200deg.C or more / s
Fig. 4
200
210
220
230
240
250
260
0
1020
3040
5060
70
Time in 200deg.C or more / s
Fig. 5
200
210
220
230
240
250
260
0
10
20304050
6070
Time in 200deg.C or more / s
Mar. 2005
P



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com