Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEFC1H2R2R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEFC1H2R2R
Description  SMT Aluminum Electrolytic Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFC1H2R2R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEFC1H2R2R Datasheet HTML 1Page - Panasonic Semiconductor EEEFC1H2R2R Datasheet HTML 2Page - Panasonic Semiconductor EEEFC1H2R2R Datasheet HTML 3Page - Panasonic Semiconductor EEEFC1H2R2R Datasheet HTML 4Page - Panasonic Semiconductor EEEFC1H2R2R Datasheet HTML 5Page - Panasonic Semiconductor EEEFC1H2R2R Datasheet HTML 6Page - Panasonic Semiconductor EEEFC1H2R2R Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
SMT Aluminum Electrolytic Capacitors
9
6HULHV
)&
7\SH 
6XUIDFH0RXQW 7\SH
Q )HDWXUHV (QGXUDQFH °&K
/RZLPSHGDQFH IRU+$VHULHV
PPKHLJKW
φ
9LEUDWLRQSURRISURGXFWLVDYDLODEOHXSRQUHTXHVW
φ 
5R+6GLUHFWLYHFRPSOLDQW 3DUWV1R(((
∗
Q &DVHVL]H
 WR 















&
(
(
)
*
*
%
&
'
'
(
)
*
*
%
&
'
(
(
*
*
*
*
%
'
'
(
)
)
*
*
*
%
%
&
&
'
(
(
*
*
*
 -  $  &  (
 9  +
:9 9
&DS “)
%
&
'
(
)
*
*
*
,PSHGDQFH



 
,PSHGDQFH

:9
WR:9
Q ,PSHGDQFH Ω N+]°&
6L]H&RGH%&'(
)*
6L]H&RGH%
&'()*

WR
°&
WR 9'&
WR“)
‘  +]
°&
,
&9RU “$ DIWHUPLQXWHV
Q 6SHFLILFDWLRQV
&DWHJRU\WHPS UDQJH
5DWHG :9 5DQJH
1RPLQDO &DS 5DQJH
&DSDFLWDQFH 7ROHUDQFH
'& /HDNDJH &XUUHQW
:KLFKHYHU LV JUHDWHU
WDQ
δ
:9 9 





  
°&






  
°&






&KDUDFWHULVWLFV
DW/RZ 7HPSHUDWXUH
(QGXUDQFH
6KHOI/LIH
5HVLVWDQFHWR
6ROGHULQJ +HDW
,PSHGDQFHUDWLRDW+]
&DSDFLWDQFHFKDQJH
WDQ
δ
'& OHDNDJH FXUUHQW
&DSDFLWDQFHFKDQJH
WDQ
δ
'& OHDNDJH FXUUHQW
$IWHUDSSO\LQJUDWHGZRUNLQJYROWDJHIRUKRXUVDW‘
°&DQGWKHQEHLQJVWDELOL]HG
DW
°& FDSDFLWRUVVKDOOPHHW WKHIROORZLQJ OLPLWV
$IWHUVWRUDJHIRU KRXUVDW‘
°&ZLWKQRYROWDJHDSSOLHG DQGWKHQEHLQJVWDELOL]HG
DW
°& FDSDFLWRUVVKDOOPHHWWKHOLPLWVVSHFLILHGLQ(QGXUDQFH :LWKYROWDJHWUHDWPHQW
EHLQJVWDELOL]HGDW
°& FDSDFLWRUVKDOOPHHWWKHIROORZLQJOLPLWV
‘
RI LQLWLDO PHDVXUHG YDOXH
LQLWLDO VSHFLILHG YDOXH
LQLWLDOVSHFLILHGYDOXH
‘
RI LQLWLDO PHDVXUHG YDOXH
RI LQLWLDOVSHFLILHGYDOXH
LQLWLDOVSHFLILHGYDOXH
:9 9 





WDQ
δ

+]
°&
PD[





9
 

  
&RGH
M
$
&
(
9
+
“)
9 )&

Q 0DUNLQJ
([DPSOH9  “) 3RODUL]HG
:9 FRGH
1HJDWLYH SRODULW\
PDUNLQJ
:9 FRGH
6HULHV
LGHQWLILFDWLRQ
&DSDFLWDQFH
/RW QXPEHU
'/$%+,
:
3
.
6L]H
FRGH
%
&
'
(
)
*
   0$;  ‘  
   0$;  ‘  
   0$;  ‘  
   0$;  ‘  
  0$;  ‘  
 WR 
‘
‘
 WR 
 WR 
 WR 
Q 'LPHQVLRQV LQ PP QRW WR VFDOH
    0$;   ‘  
UHIHUHQFH VL]H
 PD[
Z
$‘
/ 

PP
$IWHUUHIORZVROGHULQJ 5HIHUWRSDJH 86 IRUUHFRPPHQGHGWHPSHUDWXUHSURILOH DQGWKHQ


Similar Part No. - EEEFC1H2R2R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFC1H2R2R PANASONIC-EEEFC1H2R2R Datasheet
129Kb / 2P
Surface Mount Type
EEEFC1H2R2R PANASONIC-EEEFC1H2R2R Datasheet
81Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1H2R2R PANASONIC-EEEFC1H2R2R Datasheet
129Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1H2R2R PANASONIC-EEEFC1H2R2R Datasheet
81Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1H2R2R PANASONIC-EEEFC1H2R2R Datasheet
61Kb / 2P
Aluminum Electrolytic Capacitors
More results

Similar Description - EEEFC1H2R2R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEV-HA1E331UP PANASONIC-EEV-HA1E331UP Datasheet
367Kb / 8P
SMT Aluminum Electrolytic Capacitors
ECE-V1HA010SR PANASONIC-ECE-V1HA010SR Datasheet
271Kb / 11P
SMT Aluminum Electrolytic Capacitors
ECE-V1HA220WP PANASONIC-ECE-V1HA220WP Datasheet
271Kb / 11P
SMT Aluminum Electrolytic Capacitors
ECE-V1EA101UP PANASONIC-ECE-V1EA101UP Datasheet
271Kb / 11P
SMT Aluminum Electrolytic Capacitors
EEV-HA1E220P PANASONIC-EEV-HA1E220P Datasheet
367Kb / 8P
SMT Aluminum Electrolytic Capacitors
ECE-V1JA101P PANASONIC-ECE-V1JA101P Datasheet
276Kb / 11P
SMT Aluminum Electrolytic Capacitors
EEV-HA1J220UP PANASONIC-EEV-HA1J220UP Datasheet
367Kb / 8P
SMT Aluminum Electrolytic Capacitors
ECE-V1EA220SP PANASONIC-ECE-V1EA220SP Datasheet
271Kb / 11P
SMT Aluminum Electrolytic Capacitors
EEV-HB1H1R0R PANASONIC-EEV-HB1H1R0R Datasheet
279Kb / 7P
SMT Aluminum Electrolytic Capacitors
EEV-HA1C220R PANASONIC-EEV-HA1C220R Datasheet
367Kb / 8P
SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com