Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB8S Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MB8S
Description  MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MB8S Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MB8S Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MB8S Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.02 20120305
MB1S THRU MB10S
DEVICE CHARACTERISTICS
Reverse Characteristics
0
204060
80
100
120
140
0.01
0.1
1
10
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 100 C
º
C
T = 25 C
º
A
Non-Repetitive Surge Current
12
5
10
20
50
100
0
5
10
15
20
25
30
35
NUMBER OF CYCLES AT 60Hz
Forward Characteristics
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
10
FORWARD VOLTAGE (V)
T = 25 C
º
A
Pulse Width = 300
µs
2% Duty Cycle
Forward Current Derating Curve
0
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1
AMBIENT TEMPERATURE ( C)
º
PAD LAYOUT
X
C
Y
Z
Z
7.5
X
1.2
Y
1.6
C
2.7
Dimensions
MDI(mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com