Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ15VB Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MMSZ15VB
Description  500mW SOD-123FL SURFACE MOUNT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMSZ15VB Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MMSZ15VB Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMSZ15VB Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MMSZ15VB Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MMSZ15VB Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20110725
MMSZ Series
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
MMSZ22VB
22VB
21.56
22
22.44
5
51
1
235
0.045
15.4
MMSZ24VB
24VB
23.52
24
24.48
5
65
1
235
0.045
16.8
MMSZ27VB
27VB
26.46
27
27.54
5
75
0.5
282
0.045
18.9
MMSZ30VB
30VB
29.40
30
30.60
5
75
0.5
282
0.045
21.0
MMSZ33VB
33VB
32.34
33
33.66
5
75
0.5
306
0.045
23.0
MMSZ36VB
36VB
35.28
36
36.72
5
84
0.5
329
0.045
25.2
MMSZ39VB
39VB
38.22
39
39.78
5
122
0.5
329
0.045
27.3
MMSZ43VB
43VB
42.14
43
43.86
5
141
0.5
353
0.045
30.1
MMSZ47VB
47VB
46.06
47
47.94
5
160
0.5
353
0.045
33.0
MMSZ51VB
51VB
49.98
51
52.02
5
169
0.5
376
0.045
35.7
MMSZ56VB
56VB
54.88
56
57.12
5
188
0.5
400
0.045
39.2
MMSZ62VB
62VB
60.76
62
63.24
5
202
0.5
423
0.045
43.4
MMSZ68VB
68VB
66.64
68
69.36
5
226
0.5
447
0.045
47.6
MMSZ75VB
75VB
73.50
75
76.50
5
240
0.5
470
0.045
52.5
VF Forward Voltage = 900mV Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (VZ) is tested under pulse condition of 10mS.
2.
The device numbers listed have a standard tolerance on the nominal zener voltage of ±2%.
3.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Y S Terhnology representative.
4.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com