Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600-FGG484ES Datasheet(PDF) 71 Page - Microsemi Corporation

Part # AFS600-FGG484ES
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484ES Datasheet(HTML) 71 Page - Microsemi Corporation

Back Button AFS600-FGG484ES Datasheet HTML 67Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 68Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 69Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 70Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 71Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 72Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 73Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 74Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 75Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-55
tSUPGLOSSPRO
Page Loss Protect Setup Time for the Control Logic
1.69
1.93
2.27
ns
tHDPGLOSSPRO
Page Loss Protect Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUPGSTAT
Page Status Setup Time for the Control Logic
2.49
2.83
3.33
ns
tHDPGSTAT
Page Status Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUOVERWRPG
Over Write Page Setup Time for the Control Logic
1.88
2.14
2.52
ns
tHDOVERWRPG
Over Write Page Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSULOCKREQUEST
Lock Request Setup Time for the Control Logic
0.87
0.99
1.16
ns
tHDLOCKREQUEST
Lock Request Hold Time for the Control Logic
0.00
0.00
0.00
ns
tRECARNVM
Reset Recovery Time
0.94
1.07
1.25
ns
tREMARNVM
Reset Removal Time
0.00
0.00
0.00
ns
tMPWARNVM
Asynchronous Reset Minimum Pulse Width for the
Control Logic
10.00
12.50
12.50
ns
tMPWCLKNVM
Clock Minimum Pulse Width for the Control Logic
4.00
5.00
5.00
ns
tFMAXCLKNVM
Maximum Frequency for Clock for the Control Logic – for
AFS1500/AFS600
80.00
80.00
80.00
MHz
Maximum Frequency for Clock for the Control Logic – for
AFS250/AFS090
100.00
80.00
80.00
MHz
Table 2-25 • Flash Memory Block Timing (continued)
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com