Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812SMS-R12GLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1812SMS-R12GLC
Description  Midi Spring Air Core Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812SMS-R12GLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  1812SMS-R12GLC Datasheet HTML 1Page - Coilcraft lnc. 1812SMS-R12GLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Midi Spring® Air Core Inductors
Document 184-1
Document 184-1 Revised 05/18/12
Inductance2
Percent
Q4
Test freq.
SRF min5
DCR max6
Irms7
Part number1
(nH)
tolerance3
typ
min
(MHz)
(GHz)
(mOhm)
(A)
1812SMS-22N_L_
22
5,2
135
100
150
3.2
4.2
3.0
1812SMS-27N_L_
27
5,2
135
100
150
2.7
4.0
3.5
1812SMS-33N_L_
33
5,2
130
100
150
2.5
4.8
3.0
1812SMS-39N_L_
39
5,2
135
100
150
2.1
4.4
3.0
1812SMS-47N_L_
47
5,2
135
100
150
2.1
5.6
3.0
1812SMS-56N_L_
56
5,2
125
100
150
1.5
6.2
3.0
1812SMS-68N_L_
68
5,2
120
100
150
1.5
8.2
2.5
1812SMS-82N_L_
82
5,2
120
100
150
1.3
9.4
2.5
1812SMS-R10_L_
100
5,2
115
100
150
1.2
12.3
1.7
1812SMS-R12_L_
120
5,2
125
100
150
1.1
17.3
1.5
1812SMS-R15_L_
150
5,2
145
100
150
0.75
33.0
1.2
1. When ordering, specify
tolerance, termination and packaging codes:
1812SMS-R12GLC
Tolerance:
G = 2% J = 5%
Termination: L = RoHS compliant tin-silver (96.5/3.5) over copper.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape, 500 parts per full reel.
B = Less than full reel. In tape, but not machine-ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked, 2000 parts per
full reel.
2. Inductance tested at 150 MHz on an Agilent/HP 4286A LCR meter or
equivalent with a Coilcraft SMD-A test fixture and correlation.
3. Tolerances in bold are stocked for immediate shipment.
4. Q tested at 150 MHz on an Agilent/HP 4291A Impedance Analyzer with
an Agilent/HP 16193 test fixture or equivalents.
5. SRF tested on the Agilent/HP 8753D Network Analyzer or equivalent
and a Coilcraft CCF1248 test fixture.
6. DCR tested on the Cambridge Technology Model 510 Micro-ohmmeter
or equivalent.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
For part marking data see www.coilcraft.com/colrcode.cfm.
Weight 0.10 – 0.16 g
Terminations RoHS compliant tin-silver over copper. Other termina-
tions available at additional cost.
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 500/7
″ reel; 2000/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 4.2 mm pocket depth
PCB washing Only pure water or alcohol recommended
• AircoreinductorsfeaturehighQandcurrenthandling
• Acrylictopprovidesaflatsurfaceforpickandplace
• Soldercoatedleadsensurereliablesoldering


Similar Part No. - 1812SMS-R12GLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812SMS-R12GLC COILCRAFT-1812SMS-R12GLC Datasheet
328Kb / 2P
Midi Spring짰 Air Core Inductors
1812SMS-R12GLC COILCRAFT-1812SMS-R12GLC Datasheet
553Kb / 2P
Midi Spring짰 Air Core Inductors
More results

Similar Description - 1812SMS-R12GLC

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFA01TK XFMRS-XFA01TK Datasheet
75Kb / 1P
Micro Spring Air Core Inductors
logo
Coilcraft lnc.
1812SMS-22N-L COILCRAFT-1812SMS-22N-L Datasheet
236Kb / 2P
Midi Spring짰 Air Core Inductors
1812SMS-33NJLC COILCRAFT-1812SMS-33NJLC Datasheet
328Kb / 2P
Midi Spring짰 Air Core Inductors
1812SMS-22NGLC COILCRAFT-1812SMS-22NGLC_15 Datasheet
553Kb / 2P
Midi Spring짰 Air Core Inductors
logo
XFMRS Inc.
XF132-10SMG XFMRS-XF132-10SMG Datasheet
74Kb / 1P
MICRO SPRING AIR CORE INDUCTORS
XF132-10SMJ XFMRS-XF132-10SMJ Datasheet
74Kb / 1P
MICRO SPRING AIR CORE INDUCTORS
XF132-15SMJ XFMRS-XF132-15SMJ Datasheet
109Kb / 1P
MICRO SPRING AIR CORE INDUCTORS
XF132-19SMJ XFMRS-XF132-19SMJ Datasheet
75Kb / 1P
MICRO SPRING AIR CORE INDUCTORS
XFA02TJ XFMRS-XFA02TJ Datasheet
75Kb / 1P
MICRO SPRING AIR CORE INDUCTORS
1812-47NJ XFMRS-1812-47NJ Datasheet
126Kb / 1P
MICRO SPRING AIR CORE INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com