Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA393D Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA393D
Description  Dual Differential Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA393D Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA393D Datasheet HTML 1Page - Fairchild Semiconductor KA393D Datasheet HTML 2Page - Fairchild Semiconductor KA393D Datasheet HTML 3Page - Fairchild Semiconductor KA393D Datasheet HTML 4Page - Fairchild Semiconductor KA393D Datasheet HTML 5Page - Fairchild Semiconductor KA393D Datasheet HTML 6Page - Fairchild Semiconductor KA393D Datasheet HTML 7Page - Fairchild Semiconductor KA393D Datasheet HTML 8Page - Fairchild Semiconductor KA393D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KA293/KA293A, KA393/KA393A, KA2903
3
Electrical Characteristics
(VCC =5V, TA=25
°C, unless otherwise specified)
NOTE 1
KA393 / KA393A : 0
≤ TA ≤ +70°C
KA293 / KA293A : -25
≤ TA ≤ +85°C
KA2903 : -40
≤ TA ≤ +85°C
Parameter
Symbol
Conditions
KA293A/KA393A
KA293/KA393
Unit
Min.
Typ. Max. Min.
Typ. Max.
Input Offset Voltage
VIO
VO(P) =1.4V, RS =0
Ω
-
±1
±2-
±1
±5
mV
VCM= 0 to1.5V Note 1
-
-
±4.0
-
-
±9.0
Input Offset Current
IIO
-
±5
±50
-
±5
±50
nA
Note 1
-
-
±150
-
-
±150
Input Bias Current
IBIAS
-
65
250
-
65
250
nA
Note 1
-
-
400
-
-
400
Input Common Mode
Voltage Range
VI(R)
0-
VCC
-1.5
0-
VCC
-1.5
V
Note 1
0
-
VCC
-2
0-
VCC
-2
Supply Current
ICC
RL =
∞ , VCC = 5V
-
0.6
1
-
0.6
1
mA
RL =
∞, VCC = 30V
-
0.8
2.5
-
0.8
2.5
Voltage Gain
GV
VCC =15V, RL
≥15KΩ
(for large VO(P-P)swing)
50
200
-
50
200
-
V/mV
Large Signal
Response
Time
TLRES
VI =TTL Logic Swing
VREF =1.4V, VRL =5V,
RL =5.1K
Ω
-
350
-
-
350
-
nS
Response Time
TRES
VRL =5V, RL =5.1K
Ω
-1.4
-
-
1.4
-
µS
Output Sink Current
ISINK
VI(-)
≥1V, VI(+) =0V, VO(P) ≤1.5V
6
18
-
6
18
-
mA
Output Saturation
Voltage
VSAT
VI(-)
≥ 1V, VI(+) =0V
-
160
400
-
160
400
mV
ISINK = 4mA
Note 1
-
-
700
-
-
700
Output Leakage
Current
IO(LKG)
VI(-) = 0V,
VI(+) = 1V
VO(P) = 5V
-
0.1
-
-
0.1
-
nA
VO(P) = 30V
-
-
1.0
-
-
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com