Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX2V2 Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # ZX2V2
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

ZX2V2 Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  ZX2V2 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd ZX2V2 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd ZX2V2 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd ZX2V2 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd ZX2V2 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.yeashin.com
3
REV.02 20120305
ZX2V0~ZX39V Series
Electrical Characteristics TA = 25°C unless otherwise noted
VZ@Izt
Device Type
T
Tolerance
Min
Nom
Max
Izt
(mA)
Zzt@Izt
(Ohms)
Max
Zzk@Izk
(Ohms) Max
Izk
(mA)
IR@VR
(uA)
Max
VR
(V)
A
29.68
30.45
31.22
B
30.32
31.10
31.88
C
30.90
31.70
32.50
ZX33V
D
31.49
32.30
33.11
5
65
250
0.5
0.2
25
A
32.14
32.97
33.79
B
32.79
33.64
34.49
C
33.40
34.27
35.13
ZX36V
D
34.01
34.89
35.77
5
75
250
0.5
0.2
27
A
34.68
35.58
36.47
B
35.36
36.28
37.19
C
36.00
36.93
37.85
ZX39V
D
36.63
37.58
38.52
5
85
250
0.5
0.2
30
VF (forward voltage) = 1.2 V maximum @ IF = 200mA for all types
Note:
1.
The zener voltage subdivision (VZ) is measured 40mS after diode is powered up.
2.
The operating resistance (Zzt and Zzk) is measured by superimposing a minute alternation current in the regulated
current (Iz).
3.
When ordering, please specify tolerance A, B, C or D.
Electrical Symbol Definition
Typical Characteristics
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Breakdown Voltage
IF
Forward Current
VF
Forward Voltage @ IF
V
I
(mV)
(V)
(mA)
(mA)
VF
IF
VR
IR
VZ
IZT
(nA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com