Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1040CT Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MBRF1040CT
Description  TO-220F Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MBRF1040CT Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MBRF1040CT Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MBRF1040CT Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A,Nov,2010
TO-220F Plastic-Encapsulate Diodes
MBR
F1030,35,40,45,50CT
SCHOTTKY BARRIER RECTIFIER
FEATURES
 Schottky Barrier Chip
 Guard Ring Die Construction for Transient Protection
 Low Power Loss,High Efficiency
 High Surge Capability
 High Current Capability and Low Forward Voltage Drop
 For Use in Low Voltage, High Frequency Inverters,Free Wheeling,
and Polarity Protection Applications
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Value
Symbol
Parameter
MBR
F10
30CT
MBR
F10
35CT
MBR
F10
40CT
MBR
F10
45CT
MBR
F10
50CT
Unit
VRRM
Peak repetitive reverse voltage
VRWM
Working peak reverse voltage
VR
DC blocking voltage
30
35
40
45
50
V
VR(RMS)
RMS reverse voltage
21
24.5
28
31.5
35
V
IO
Average rectified output current
10
A
IFSM
Non-Repetitive peak forward surge current
8.3ms half sine wave
120
A
PD
Power dissipation
2
W
RΘJA
Thermal resistance from junction to ambient
50
℃/W
Tj
Junction temperature
125
℃
Tstg
Storage temperature
-55~+150
℃
TO-220F
1. ANODE
2. CATHODE
3. ANODE
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MBRF1040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF1040CT MCC-MBRF1040CT Datasheet
390Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
List of Unclassifed Man...
MBRF1040CT ETC1-MBRF1040CT Datasheet
59Kb / 2P
Dual Schottky Rectifiers
logo
Diotech Company.
MBRF1040CT DIOTECH-MBRF1040CT Datasheet
896Kb / 2P
SCHOTTKY BARRIER RECTIFIER
MBRF1040CT DIOTECH-MBRF1040CT Datasheet
971Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
More results

Similar Description - MBRF1040CT

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MBRF1060CT TGS-MBRF1060CT Datasheet
557Kb / 2P
TO-220F Plastic-Encapsulate Diodes
MBRF2030CT TGS-MBRF2030CT Datasheet
582Kb / 2P
TO-220F Plastic-Encapsulate Diodes
MBRF2060CT TGS-MBRF2060CT Datasheet
344Kb / 1P
TO-220F Plastic-Encapsulate Diodes
MBRF3030CT TGS-MBRF3030CT Datasheet
449Kb / 2P
TO-220F Plastic-Encapsulate Diodes
MBRF3060CT TGS-MBRF3060CT Datasheet
267Kb / 1P
TO-220F Plastic-Encapsulate Diodes
MBRF10150CT TGS-MBRF10150CT Datasheet
901Kb / 2P
TO-220F Plastic-Encapsulate Diodes
MBRF10200CT TGS-MBRF10200CT Datasheet
345Kb / 1P
TO-220F Plastic-Encapsulate Diodes
MBRF20100CT TGS-MBRF20100CT Datasheet
1Mb / 2P
TO-220F Plastic-Encapsulate Diodes
MBRF30100CT TGS-MBRF30100CT Datasheet
344Kb / 1P
TO-220F Plastic-Encapsulate Diodes
MBRF30200CT TGS-MBRF30200CT Datasheet
347Kb / 1P
TO-220F Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com