Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1080CT Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # MBRF1080CT
Description  TO-220F Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MBRF1080CT Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  MBRF1080CT Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MBRF1080CT Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A,Nov,2010
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Device
Test conditions
Min
Typ
Max
Unit
MBR
F1060CT
60
MBR
F1070CT
70
MBR
F1080CT
80
MBR
F1090CT
90
Reverse voltage
V(BR)
MBR
F10100CT
IR=0.1mA
100
V
MBR
F1060CT
VR=60V
MBR
F1070CT
VR=70V
MBR
F1080CT
VR=80V
MBR
F1090CT
VR=90V
Reverse current
IR
MBR
F10100CT
VR=100V
0.1
mA
MBR
F1060CT
0.8
VF(1)
MBR
F1070-100CT
IF=5A
0.85
Forward voltage
VF(2)
MBR
F1060-100CT
IF=10A
0.95
V
MBR
F1060CT
150
Typical total capacitance
Ctot
MBR
F1070-100CT
VR=4V,f=1MHz
300
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com