Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1090CT Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MBRF1090CT
Description  TO-220F Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MBRF1090CT Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MBRF1090CT Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MBRF1090CT Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A,Nov,2010
TO-220F Plastic-Encapsulate Diodes
MBR
F1060, 70, 80, 90, 100CT
SCHOTTKY BARRIER RECTIFIER
FEATURES
 Schottky Barrier Chip
 Guard Ring Die Construction for Transient Protection
 Low Power Loss,High Efficiency
 High Surge Capability
 High Current Capability and Low Forward Voltage Drop
 For Use in Low Voltage, High Frequency Inverters,Free Wheeling,
and Polarity Protection Applications
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Value
Symbol
Parameter
MBRF10
60CT
MBRF10
70CT
MBRF10
80CT
MBRF10
90CT
MBRF10
100CT
Unit
VRRM
Peak repetitive reverse voltage
VRWM
Working peak reverse voltage
VR
DC blocking voltage
60
70
80
90
100
V
VR(RMS)
RMS reverse voltage
42
49
56
63
70
V
IO
Average rectified output current
10
A
IFSM
Non-Repetitive peak forward surge current
8.3ms half sine wave
120
A
PD
Power dissipation
2
W
RΘJA
Thermal resistance from junction to ambient
50
℃/W
Tj
Junction temperature
125
℃
Tstg
Storage temperature
-55~+150
℃
TO-220F
1. ANODE
2. CATHODE
3. ANODE
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MBRF1090CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MBRF1090CT GOOD-ARK-MBRF1090CT Datasheet
191Kb / 2P
Dual High-Voltage Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1090CT TSC-MBRF1090CT Datasheet
164Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF1090CT VISHAY-MBRF1090CT Datasheet
381Kb / 4P
Dual Common-Cathode High-Voltage Schottky Rectifier
08-Nov-07
logo
Taiwan Semiconductor Co...
MBRF1090CT TSC-MBRF1090CT Datasheet
187Kb / 2P
10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF1090CT VISHAY-MBRF1090CT Datasheet
82Kb / 5P
Dual Common-Cathode High-Voltage Schottky Rectifier
22-Sep-10
More results

Similar Description - MBRF1090CT

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MBRF1030CT TGS-MBRF1030CT Datasheet
396Kb / 2P
TO-220F Plastic-Encapsulate Diodes
MBRF2030CT TGS-MBRF2030CT Datasheet
582Kb / 2P
TO-220F Plastic-Encapsulate Diodes
MBRF2060CT TGS-MBRF2060CT Datasheet
344Kb / 1P
TO-220F Plastic-Encapsulate Diodes
MBRF3030CT TGS-MBRF3030CT Datasheet
449Kb / 2P
TO-220F Plastic-Encapsulate Diodes
MBRF3060CT TGS-MBRF3060CT Datasheet
267Kb / 1P
TO-220F Plastic-Encapsulate Diodes
MBRF10150CT TGS-MBRF10150CT Datasheet
901Kb / 2P
TO-220F Plastic-Encapsulate Diodes
MBRF10200CT TGS-MBRF10200CT Datasheet
345Kb / 1P
TO-220F Plastic-Encapsulate Diodes
MBRF20100CT TGS-MBRF20100CT Datasheet
1Mb / 2P
TO-220F Plastic-Encapsulate Diodes
MBRF30100CT TGS-MBRF30100CT Datasheet
344Kb / 1P
TO-220F Plastic-Encapsulate Diodes
MBRF30200CT TGS-MBRF30200CT Datasheet
347Kb / 1P
TO-220F Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com