Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX310 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # CX310
Description  Micro Miniature Cylinder Type Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

CX310 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  CX310 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Leaded Crystal
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
CX Series
Micro Miniature Cylinder Type Crystal
CX310
CX39
CX38
The cylinder type crystal is “At Strip” crystal features miniaturization
that makes it perfect for applications requiring small size
•
AT-cut performance
•
Very small footprint
•
Resistance weld seal
•
Highshock resistance
Specifications:
CX Series
Frequency Range:
3.579MHz ~ 70.000MHz
Operating Temperature:
0
°C ~ +50°C
-A
-10
°C ~ +60°C
-B
-20
°C ~ +70°C
-C
-40
°C ~ +85°C
-L
Storage Temperature:
-40
°C ~ +85°C
Frequency Tolerance:
± 50 ppm
-50
(at 25
°C)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Frequency Stability:
± 50 ppm
-50
(over temperature range)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Circuit Condition:
10 pF ~ 32 pF or series
Model
L1
L2
D1
D2
B
Equivalent Series Resistance:
Maximum resistance corresponds
to frequency. Please see ESR
table.
CX310
10.3
10.0
∅3.1
∅0.3
1.1
CX39
9.3
10.0
∅3.1
∅0.3
1.1
CX38
8.3
10.0
∅3.1
∅0.3
1.1
All dimensions are in mm
Drive Level:
100
μW max
Shunt Capacitance:
7 pF max
Ordering Information
Aging:
± 5 ppm max per year
Product name + CL + Operating Temperature +
Tolerance + Stability + Other Code + Frequency.
i.e. CX38-20-C-30-30-F 24MHz
Optional Features:
Tape & Reel
-TR
Note:
1.
Other frequencies, tolerances, stabilities, and operating temperature ranges
available. Consult VTC Support for specific requirements.
2.
Not all combinations of the above tolerances, stabilities, and temperature ranges
are available. Consult VTC Support if your requirement is not standard.
3.
All specifications subject to change without notice.


Similar Part No. - CX310

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
CX310 VANLONG-CX310 Datasheet
33Kb / 1P
Micro Miniature Cylinder Type Crystal
More results

Similar Description - CX310

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX-3 FOX-FX-3 Datasheet
143Kb / 1P
MICRO MINIATURE AT STRIP CRYSTAL
logo
Abracon Corporation
ABM7 ABRACON-ABM7_07 Datasheet
197Kb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
08.20.07
logo
ECS, Inc.
ECX-3TAX ECS-ECX-3TAX Datasheet
345Kb / 1P
MICRO MINIATURE SMD TUNING FORK CRYSTAL
logo
Vanlong Technology Co.,...
CX310 VANLONG-CX310 Datasheet
33Kb / 1P
Micro Miniature Cylinder Type Crystal
logo
Tyco Electronics
3SAE-3SAC MACOM-3SAE-3SAC Datasheet
284Kb / 2P
Crystal-can-Micro-miniature Relays
logo
Abracon Corporation
ABM7-12.000MHZ-D-2-Y-T ABRACON-ABM7-12.000MHZ-D-2-Y-T Datasheet
1Mb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
12.13.10
logo
Fox Electronics
FX3 FOX-FX3 Datasheet
538Kb / 1P
MICRO MINIATURE "AT STRIP" CRYSTAL
logo
MMD Components
AN MMD-AN_13 Datasheet
169Kb / 2P
Micro Miniature Through Hole Crystal
DN MMD-DN_13 Datasheet
158Kb / 2P
Micro Miniature SM Crystal
logo
Abracon Corporation
AB145 ABRACON-AB145 Datasheet
150Kb / 1P
MINIATURE CYLINDER HIGH FREQUENCY CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com