Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF3045CT Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # MBRF3045CT
Description  TO-220F Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MBRF3045CT Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  MBRF3045CT Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MBRF3045CT Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B,Apr,2013
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Device
Test conditions
Min
Typ
Max
Unit
MBR
F3030CT
30
MBR
F3035CT
35
MBR
F3040CT
40
MBR
F3045CT
45
Reverse voltage
V(BR)
MBR
F3050CT
IR=1mA
50
V
MBR
F3030CT
VR=30V
MBR
F3035CT
VR=35V
MBR
F3040CT
VR=40V
MBR
F3045CT
VR=45V
Reverse current
IR
MBR
F3050CT
VR=50V
0.2
mA
MBR
F3030-45CT
0.7
VF1
MBR
F3050CT
IF=15A
0.8
V
MBR
F3030-45CT
0.84
Forward voltage
VF2*
MBR
F3050CT
IF=30A
0.95
V
MBR
F3030-45CT
450
Typical total capacitance
Ctot*
MBR
F3050CT
VR=4V,f=1MHz
400
pF
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com