Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3426 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3426
Description  16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3426 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3426 Datasheet HTML 1Page - Microchip Technology MCP3426 Datasheet HTML 2Page - Microchip Technology MCP3426 Datasheet HTML 3Page - Microchip Technology MCP3426 Datasheet HTML 4Page - Microchip Technology MCP3426 Datasheet HTML 5Page - Microchip Technology MCP3426 Datasheet HTML 6Page - Microchip Technology MCP3426 Datasheet HTML 7Page - Microchip Technology MCP3426 Datasheet HTML 8Page - Microchip Technology MCP3426 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
© 2009 Microchip Technology Inc.
DS22226A-page 1
MCP3426/7/8
Features
• 16-bit
ΔΣ ADC with Differential Inputs:
- 2 channels: MCP3426 and MCP3427
- 4 channels: MCP3428
• Differential Input Full Scale Range: -VREF to
+VREF
• Self Calibration of Internal Offset and Gain per
Each Conversion
• On-Board Voltage Reference (VREF):
- Accuracy: 2.048V ± 0.05%
- Drift: 15 ppm/°C
• On-Board Programmable Gain Amplifier (PGA):
- Gains of 1,2, 4 or 8
• INL: 10 ppm of Full Scale Range
• Programmable Data Rate Options:
- 15 SPS (16 bits)
- 60 SPS (14 bits)
- 240 SPS (12 bits)
• One-Shot or Continuous Conversion Options
• Low Current Consumption (VDD= 3V):
- Continuous Conversion: 135 µA typical
- One-Shot Conversion with 1 SPS:
- 9 µA typical for 16 bit mode
- 2.25 µA typical for 14 bit mode
- 0.56 µA typical for 12 bit mode
• On-Board Oscillator
•I2C™ Interface:
- Standard, Fast and High Speed Modes
- User configurable two external address
selection pins for MCP3427 and MCP3428
• Single Supply Operation: 2.7V to 5.5V
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Portable Instrumentation and Consumer Goods
• Temperature Sensing with RTD, Thermistor, and
Thermocouple
• Bridge Sensing for Pressure, Strain, and Force
• Weigh Scales and Battery Fuel Gauges
• Factory Automation Equipment
Description
The MCP3426, MCP3427 and MCP3428 devices
(MCP3426/7/8) are the low noise and high accuracy
16 Bit Delta-Sigma Analog-to-Digital (
ΔΣ A/D) Con-
verter family members of the MCP342X series from
Microchip Technology Inc. These devices can convert
analog inputs to digital codes with up to 16 bits of reso-
lution.
The MCP3426 and MCP3427 devices have two
differential input channels and the MCP3428 has four
differential input channels. All electrical properties of
these three devices are the same except the
differences in the number of input channels and I2C
address bit selection options.
These devices can output analog-to-digital conversion
results at rates of 15 (16-bit mode), 60 (14-bit mode), or
240 (12-bit mode) samples per second depending on
the user controllable configuration bit settings using the
two-wire I2C serial interface. During each conversion,
the
device
calibrates
offset
and
gain
errors
automatically. This provides accurate conversion
results from conversion to conversion over variations in
temperature and power supply fluctuation.
The device has an on-board 2.048V reference voltage,
which enables an input range of ± 2.048V differentially
(full scale range = 4.096/PGA).
The user can select the gain of the on-board
programmable
gain
amplifier
(PGA)
using
the
configuration register bits (gain of x1, x2, x4, or x8).
This allows the MCP3426/7/8 devices to convert a very
weak input signal with high resolution.
The MCP3426/7/8 devices have two conversion
modes:
(a)
One-Shot
Conversion
mode
and
(b) Continuous Conversion mode. In the One-Shot
conversion mode, the device performs a single
conversion
and
enters
a
low
current
standby
(shutdown) mode automatically until it receives another
conversion
command.
This
reduces
current
consumption greatly during idle periods. In continuous
conversion
mode,
the
conversion
takes
place
continuously at the configured conversion speed. The
device updates its output buffer with the most recent
conversion data.
The devices operate from a single 2.7V to 5.5V power
supply and have a two-wire I2C compatible serial
interface for a standard (100 kHz), fast (400 kHz), or
high-speed (3.4 MHz) mode.
16-Bit, Multi-Channel
ΔΣ Analog-to-Digital Converter with
I2C™ Interface and On-Board Reference


Similar Part No. - MCP3426

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MCP3426 MAXIM-MCP3426 Datasheet
950Kb / 56P
16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3426-EMC MAXIM-MCP3426-EMC Datasheet
950Kb / 56P
16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3426-EMF MAXIM-MCP3426-EMF Datasheet
950Kb / 56P
16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3426-EMS MAXIM-MCP3426-EMS Datasheet
950Kb / 56P
16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3426-ESL MAXIM-MCP3426-ESL Datasheet
950Kb / 56P
16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
More results

Similar Description - MCP3426

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3422 MICROCHIP-MCP3422 Datasheet
1Mb / 58P
18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
2009
logo
Maxim Integrated Produc...
MCP3426 MAXIM-MCP3426 Datasheet
950Kb / 56P
16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com