Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH12T06 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH12T06
Description  600 V tandem extra fast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH12T06 Datasheet(HTML) 6 Page - STMicroelectronics

  STTH12T06 Datasheet HTML 1Page - STMicroelectronics STTH12T06 Datasheet HTML 2Page - STMicroelectronics STTH12T06 Datasheet HTML 3Page - STMicroelectronics STTH12T06 Datasheet HTML 4Page - STMicroelectronics STTH12T06 Datasheet HTML 5Page - STMicroelectronics STTH12T06 Datasheet HTML 6Page - STMicroelectronics STTH12T06 Datasheet HTML 7Page - STMicroelectronics STTH12T06 Datasheet HTML 8Page - STMicroelectronics STTH12T06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
STTH12T06
6/9
Doc ID024431 Rev1
2
Package information
•
Epoxy meets UL94, V0
•
Cooling method: by conduction (C)
•
Recommended torque: 0.4 to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12. T0-220AC ins dimension definitions
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l2
c1
M



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com