Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXB0CTRL Datasheet(PDF) 16 Page - Microchip Technology

Part # RXB0CTRL
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RXB0CTRL Datasheet(HTML) 16 Page - Microchip Technology

Back Button RXB0CTRL Datasheet HTML 12Page - Microchip Technology RXB0CTRL Datasheet HTML 13Page - Microchip Technology RXB0CTRL Datasheet HTML 14Page - Microchip Technology RXB0CTRL Datasheet HTML 15Page - Microchip Technology RXB0CTRL Datasheet HTML 16Page - Microchip Technology RXB0CTRL Datasheet HTML 17Page - Microchip Technology RXB0CTRL Datasheet HTML 18Page - Microchip Technology RXB0CTRL Datasheet HTML 19Page - Microchip Technology RXB0CTRL Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
MCP2515
DS21801G-page 16
 2003-2012 Microchip Technology Inc.
3.5
TXnRTS PINS
The TXnRTS pins are input pins that can be configured
as:
• Request-to-send inputs, which provide an
alternative means of initiating the transmission of
a message from any of the transmit buffers
• Standard digital inputs
Configuration and control of these pins is accomplished
using the TXRTSCTRL register (see Register 3-3). The
TXRTSCTRL register can only be modified when the
MCP2515 is in Configuration mode (see Section 10.0
“Modes of Operation”). If configured to operate as a
request-to-send pin, the pin is mapped into the
respective TXBnCTRL.TXREQ bit for the transmit
buffer. The TXREQ bit is latched by the falling edge of
the TXnRTS pin. The TXnRTS pins are designed to
allow them to be tied directly to the RXnBF pins to
automatically initiate a message transmission when the
RXnBF pin goes low.
The TXnRTS pins have internal pull-up resistors of
100 k
 (nominal).
3.6
Aborting Transmission
The MCU can request to abort a message in a specific
message
buffer
by
clearing
the
associated
TXBnCTRL.TXREQ bit.
In addition, all pending messages can be requested to
be aborted by setting the CANCTRL.ABAT bit. This bit
MUST be reset (typically after the TXREQ bits have
been verified to be cleared) to continue transmitting
messages. The TXBnCTRL.ABTF flag will only be set
if the abort was requested via the CANCTRL.ABAT bit.
Aborting a message by resetting the TXREQ bit does
NOT cause the ABTF bit to be set.
Note 1: Messages that were transmitting when
the abort was requested will continue to
transmit.
If
the
message
does
not
successfully complete transmission (i.e.,
lost arbitration or was interrupted by an
error frame), it will then be aborted.
2: When One-Shot mode is enabled, if the
message is interrupted due to an error
frame
or
loss
of
arbitration,
the
TXBnCTRL.ABTF bit will set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com