Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXUV100AL Datasheet(PDF) 2 Page - OptoDiode Corp

Part # AXUV100AL
Description  PHOTODIODE 100 mm Square active area
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

AXUV100AL Datasheet(HTML) 2 Page - OptoDiode Corp

  AXUV100AL Datasheet HTML 1Page - OptoDiode Corp AXUV100AL Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
PHOTODIODE 100 mm2
AXUV100Al
0.30
0.20
0.10
0.05
0.15
0.25
0.00
RESPONSIVITY (A/W)
1
0
20
40
60
80
90
120
140
WAVELENGTH(nm)
Revision February 26, 2013



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com