Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9854PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9854PCB
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9854PCB Datasheet HTML 13Page - Analog Devices AD9854PCB Datasheet HTML 14Page - Analog Devices AD9854PCB Datasheet HTML 15Page - Analog Devices AD9854PCB Datasheet HTML 16Page - Analog Devices AD9854PCB Datasheet HTML 17Page - Analog Devices AD9854PCB Datasheet HTML 18Page - Analog Devices AD9854PCB Datasheet HTML 19Page - Analog Devices AD9854PCB Datasheet HTML 20Page - Analog Devices AD9854PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
AD9854
Rev. E | Page 17 of 52
VCO
LOOP
FILTER
PHASE
COMPARATOR
REFERENCE
CLOCK
FILTER
AD9854
DDS
TUNING
WORD
REF CLK IN
RF
FREQUENCY
OUT
DAC OUT
PROGRAMMABLE
DIVIDE-BY-N FUNCTION
(WHERE N = 248/TUNING WORD)
Figure 29. Programmable Fractional Divide-by-N Synthesizer
TUNING
WORD
VCO
LOOP
FILTER
PHASE
COMPARATOR
REF
CLOCK
RF
FREQUENCY
OUT
FILTER
AD9854
DDS
DIVIDE-BY-N
Figure 30. Agile High Frequency Synthesizer
PHASE
SPLITTER
Σ
0.8 TO
2.5GHz
AD9854
QUADRATURE
DDS
DDS – LO
LO
DDS
+LO
36dB
TYPICAL
SSB
REJECTION
50Ω
VOUT
AD8346 QUADRATURE
MODULATOR
90
COSINE (DC TO 70MHz)
SINE (DC TO 70MHz)
LO
LO
0
NOTES
1. FLIP DDS QUADRATURE SIGNALS TO SELECT ALTERNATE SIDEBAND. ADJUST DDS
SINE OR COSINE SIGNAL AMPLITUDE FOR GREATEST SIDEBAND SUPPRESSION.
DDS DAC OUTPUTS MUST BE LOW-PASS FILTERED PRIOR TO USE WITH THE AD8346.
Figure 31. Single Sideband Upconversion
REFERENCE
CLOCK
50Ω
1:1 TRANSFORMER
(Mini-Circuits® T1-1T)
FILTER
50Ω
DIFFERENTIAL
TRANSFORMER-COUPLED
OUTPUT
AD9854
DDS
IOUT
IOUT
Figure 32. Differential Output Connection for Reduction of Common-Mode Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com