Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9779A-EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9779A-EBZ
Description  Dual, 12-/14-/16-Bit,1 GSPS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A-EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9779A-EBZ Datasheet HTML 17Page - Analog Devices AD9779A-EBZ Datasheet HTML 18Page - Analog Devices AD9779A-EBZ Datasheet HTML 19Page - Analog Devices AD9779A-EBZ Datasheet HTML 20Page - Analog Devices AD9779A-EBZ Datasheet HTML 21Page - Analog Devices AD9779A-EBZ Datasheet HTML 22Page - Analog Devices AD9779A-EBZ Datasheet HTML 23Page - Analog Devices AD9779A-EBZ Datasheet HTML 24Page - Analog Devices AD9779A-EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 21 of 56
1.5
0
CODE
10k
1.0
0.5
0
–0.5
–1.0
–1.5
2k
4k
6k
8k
Figure 36. AD9778A Typical INL
0.6
0
CODE
–0.2
–1.0
16k
14k
12k
10k
8k
6k
4k
2k
0.4
0.2
0
–0.4
–0.6
–0.8
Figure 37. AD9778A Typical DNL
100
50
0
400
fOUT (MHz)
90
80
70
60
40
80
120
160
200
240
280
320
360
4× 200MSPS
4× 150MSPS
4× 100MSPS
Figure 38. AD9778A IMD vs. fOUT,
4× Interpolation
100
50
0
100
fOUT (MHz)
90
80
70
60
20
40
60
80
fDATA = 250MSPS
fDATA = 200MSPS
fDATA = 160MSPS
Figure 39. AD9778A In-Band SFDR vs. fOUT,
2× Interpolation
–90
0
250
fOUT (MHz)
–70
–80
–60
25
50
75
100
125
150
175
200
225
FIRST ADJACENT CHANNEL
SECOND ADJACENT
CHANNEL
THIRD ADJACENT
CHANNEL
Figure 40. AD9778A ACLR, Single Carrier W-CDMA,
4× Interpolation, fDATA = 122.88 MSPS, Amplitude = −3 dBFS
SPAN 50MHz
SWEEP 162.2ms (601 pts)
VBW 300kHz
CENTER 143.88MHz
*RES BW 30kHz
RMS RESULTS
CARRIER POWER
–12.74dBm/
3.84000MHz
FREQ OFFSET
5.000MHz
10.00MHz
15.00MHz
REF BW
3.884MHz
3.840MHz
3.840MHz
dBc
–76.49
–80.13
–80.90
dBm
–89.23
–92.87
–93.64
LOWER
dBc
–76.89
–80.02
–79.53
dBm
–89.63
–92.76
–92.27
UPPER
REF –25.39dBm
*AVG
log
10dB
PAVG
10
W1 S2
*ATTEN 4dB
Figure 41. AD9778A ACLR,
fDATA = 122.88 MSPS, 4× Interpolation, fDAC/4 Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com