Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7980 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7980
Description  16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980 Datasheet(HTML) 4 Page - Analog Devices

  AD7980 Datasheet HTML 1Page - Analog Devices AD7980 Datasheet HTML 2Page - Analog Devices AD7980 Datasheet HTML 3Page - Analog Devices AD7980 Datasheet HTML 4Page - Analog Devices AD7980 Datasheet HTML 5Page - Analog Devices AD7980 Datasheet HTML 6Page - Analog Devices AD7980 Datasheet HTML 7Page - Analog Devices AD7980 Datasheet HTML 8Page - Analog Devices AD7980 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7684
Rev. A | Page 4 of 16
VDD = 5 V; VREF = VDD; TA = −40°C to +85°C, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
ACCURACY
No Missing Codes
16
Bits
Integral Linearity Error
−3
±1
+3
LSB
Transition Noise
0.5
LSB
Gain Error, 1 TMIN to TMAX
±2
±15
LSB
Gain Error Temperature Drift
±0.3
ppm/°C
Zero Error,1 TMIN to TMAX
±0.4
±1.6
mV
Zero Temperature Drift
±0.3
ppm/°C
Power Supply Sensitivity
VDD = 5 V ± 5%
±0.05
LSB
AC ACCURACY
Signal-to-Noise Ratio
fIN = 1 kHz
88
91
dB2
Spurious-Free Dynamic Range
fIN = 1 kHz
−108
dB
Total Harmonic Distortion
fIN = 1 kHz
−106
dB
Signal-to-(Noise + Distortion)
fIN = 1 kHz
88
91
dB
Effective Number of Bits
fIN = 1 kHz
14.8
Bits
1 See the Terminology section. These specifications include full temperature range variation but do not include the error contribution from the external reference.
2 All specifications in dB are referred to a full-scale input, FS. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
VDD = 2.7 V; VREF = 2.5 V; TA = −40°C to +85°C, unless otherwise noted.
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
ACCURACY
No Missing Codes
16
Bits
Integral Linearity Error
−3
±1
+3
LSB
Transition Noise
0.85
LSB
Gain Error,1 TMIN to TMAX
±2
±15
LSB
Gain Error Temperature Drift
±0.3
ppm/°C
Zero Error,1 TMIN to TMAX
±0.7
±3.5
mV
Zero Temperature Drift
±0.3
ppm/°C
Power Supply Sensitivity
VDD = 2.7 V ± 5%
±0.05
LSB
AC ACCURACY
Signal-to-Noise Ratio
fIN = 1 kHz
86
dB2
Spurious-Free Dynamic Range
fIN = 1 kHz
−100
dB
Total Harmonic Distortion
fIN = 1 kHz
−98
dB
Signal-to-(Noise + Distortion)
fIN = 1 kHz
86
dB
Effective Number of Bits
fIN = 1 kHz
14
Bits
1 See the Terminology section. These specifications do include full temperature range variation but do not include the error contribution from the external reference.
2 All specifications in dB are referred to a full-scale input, FS. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com