Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO521 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # TO521
Description  Thmperature Compensated Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

TO521 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  TO521 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clipped Sine SM TCXO
Phone: +86 (10) 5820-3910
Fax: +86 (10) 5820-3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2008 by Vanlong Technology Co., Ltd.
TO521
Temperature Compensated Crystal Oscillator
•
Excellent frequency stability
TO521
•
Ultra miniature size SMD, reflow soldering available
•
Clipped sine output, tight specifications and an internal trimmer
•
Suited for communications equipment, cellular radios, and
instrumentation.
•
Complies with Directive 2002/95/EC (RoHS Compliant)
Specifications:
TO-V
Frequency Range:
10.000 MHz ~ 26.0000 MHz
Operating Temperature:
0
°C ~ +50°C
- A
All dimensions are in mm
-10
°C ~ +60°C
- B
-20
°C ~ +70°C
- C
-30
°C ~ +75°C
- D
0
°C ~ +85°C
- E
-40
°C ~ +85°C
- L
Storage Temperature:
-40
°C ~ +85°C
Frequency Stability:
Vs. Temperature:
± 1.0 ppm ~ ± 5.0 ppm
Vs. Input Voltage:
± 0.2 ppm at voltage ± 5%
Vs. Load:
± 0.2 ppm at load ± 10%
Aging:
± 1.0 ppm max first year
Supply Current:
10 MHz ~ 15 MHz
1.5 mA max
15 MHz ~ 26 MHz
2.0 mA max
Pulling Range:
TCXO
- T
VC-TCXO
- V
Vss+0.5V ~ Vcc –0.5V: 5 ~ 25 ppm/V (optional)
Control Slope:
Positive
Land Pattern
Pin
Configurations
Start-Up Time:
2 msec (typical)
#1
VC or NC
#2
Ground
Output Waveform:
Clipped Sine, 10K
Ω//10pF
Output Voltage:
0.8 Vp-p min.
#3
Output
#4
Supply VDD
SSB Phase Noise:
- 90 dBc/Hz (offset 10Hz)
(Typical at 12.8 MHz)
-115 dBc/Hz (offset 100Hz)
-135 dBc/Hz (offset 1KHz)
-148 dBc/Hz (offset 10KHz)
Supply Voltage:
+3.3 VDC (
± 0.2%)
+5.0 VDC (
± 0.3%)
- P
Note:
1.
Other frequencies, stabilities, and operating temperature ranges available. Consult VTC
Support for specific requirements.
2.
Not all combinations of the above, stabilities, and temperature ranges are available. Consult
VTC Support if your requirement is not standard.
3.
All specifications subject to change without notice.
Ordering Information
Product name + Operating Temperature +
Stability + Pulling Range + Frequency (MHz)
i.e. TO521B2.5T-10.0MHz ±2.5ppm/-10°C~+60°C/3.3V
Or TO521D2.5V8P-10.0MHz
±2.5ppm/-30°C~+75°C/VC-TCXO Pulling ±8ppm/5.0V


Similar Part No. - TO521

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
TO521 VANLONG-TO521 Datasheet
39Kb / 1P
Temperature Compensated Crystal Oscillator
More results

Similar Description - TO521

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTX-09 ABRACON-ASTX-09 Datasheet
144Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.08.07
ASTX-09 ABRACON-ASTX-09_07 Datasheet
145Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
List of Unclassifed Man...
CSX-325T ETC2-CSX-325T Datasheet
92Kb / 1P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Vectron International, ...
TX-1910-DAE-807 VECTRON-TX-1910-DAE-807 Datasheet
442Kb / 5P
Temperature Compensated Crystal Oscillator
TX-4000-DAE-256 VECTRON-TX-4000-DAE-256 Datasheet
559Kb / 5P
Temperature Compensated Crystal Oscillator
TCXO-820-EFR-507 VECTRON-TCXO-820-EFR-507 Datasheet
218Kb / 5P
Temperature Compensated Crystal Oscillator
logo
Jauch Quartz Gmbh
JT53L JAUCH-JT53L Datasheet
150Kb / 2P
Temp. Compensated Crystal Oscillator
JT22G JAUCH-JT22G Datasheet
205Kb / 2P
Temp. Compensated Crystal Oscillator
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX09 ABRACON-ASTX09 Datasheet
993Kb / 2P
COMPENSATED CRYSTAL OSCILLATOR
09.14.11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com