Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16260PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16260PCBZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16260PCBZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16260PCBZ Datasheet HTML 1Page - Analog Devices ADIS16260PCBZ Datasheet HTML 2Page - Analog Devices ADIS16260PCBZ Datasheet HTML 3Page - Analog Devices ADIS16260PCBZ Datasheet HTML 4Page - Analog Devices ADIS16260PCBZ Datasheet HTML 5Page - Analog Devices ADIS16260PCBZ Datasheet HTML 6Page - Analog Devices ADIS16260PCBZ Datasheet HTML 7Page - Analog Devices ADIS16260PCBZ Datasheet HTML 8Page - Analog Devices ADIS16260PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Evaluation Board User Guide
UG-287
Rev. B | Page 5 of 12
IMU EVALUATION SOFTWARE GUIDE
The IMU evaluation software is available for download at the
EVAL-ADIS website, www.analog.com/EVAL-ADIS, under
Software and Tools. The download file contains the USB driver
and IMU evaluation software (see Figure 5). Extract these files to a
directory on the PC and start the USB driver installation process.
Figure 5. Typical Contents in Evaluation Download
USB DRIVER FILE INSTALLATION
The SDPDrivers.exe file contains USB drivers that are compatible
with both 32-bit and 64-bit Windows-based systems. Double-
click the SDPDrivers.exe file and follow the prompts to install
the USB driver files onto the PC. Figure 6 and Figure 7 show the
windows associated with this process.
Microsoft .NET Framework 3.5
The IMU evaluation software requires the Microsoft .NET
Framework 3.5. If a PC has a more recent version, version 3.5 is
available for download from the Microsoft Download Center on
the Microsoft website.
Figure 6. USB (SDP) Driver Setup Window
Figure 7. USB Driver Installation Confirmation Window
SOFTWARE OPERATION
Start-Up Sequence
1. Plug the EVAL-ADIS into a PC USB port using the cable
that comes with the EVAL-ADIS kit. LED2 illuminates
immediately. The EVAL-ADIS goes through an initialization
process that takes approximately 10 sec, and then LED1
illuminates.
2. If the Hardware Select window indicates that no device was
found (see Figure 8), unplug the EVAL-ADIS from the PC,
wait 2 sec to 3 sec, and then plug the EVAL-ADIS back into
the PC-SUB port.
3. After LED1 illuminates, click Rescan in the Hardware
Select window. LED1 starts blinking, and the Hardware
Select window updates with an option to select the device
(see Figure 9).
4. Click Select. The program completes the connection and
opens the main window (see Figure 10).
Figure 8. Hardware Select Window, No Device Found
Figure 9. Hardware Select Window, Select Option Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com