Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N1613 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N1613
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N1613 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N1613 Datasheet HTML 1Page - Comset Semiconductor 2N1613 Datasheet HTML 2Page - Comset Semiconductor 2N1613 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N1613 – 2N1711
24/09/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ Max
Unit
ICBO
Collector Cutoff Current
VCE=60 V, IE=0
-
-
10
nA
VCE=60 V, IE=0
Tamb = 150°C
-
-
10
µA
IEB0
Emitter Cutoff Current
VEB=5 V
2N1613
-
-
10
nA
VEB=5 V
2N1711
-
-
5
VCBO
Collector Base
Breakdown Voltage
IC=0.1 mA
75
-
-
V
VEBO
Emitter Base Breakdown
Voltage
IE=100 µA , IC=0
7
-
-
V
VCE(SAT)(*)
Collector-Emitter
saturation Voltage
IC=150 mA , IB=15 mA
-
-
1.5
V
VBE(SAT)(*)
Base-Emitter saturation
Voltage
IC=150 mA, IB=15 mA
-
-
1.3
V
hFE(*)
DC Current Gain
IC=0.1 mA, VCE=10 V
2N1613
20
-
-
-
IC=10 mA, VCE=10 V
35
-
-
IC=150 mA, VCE=10 V
40
-
120
IC=500 mA, VCE=10 V
20
-
-
IC=10 µA, VCE=10 V
2N1711
20
-
-
IC=0.1 mA, VCE=10 V
35
-
-
IC=10 mA, VCE=10 V
75
-
-
IC=150 mA, VCE=10 V
100
-
300
IC=500 mA, VCE=10 V
40
-
-
Symbol
Ratings
Test Condition(s)
Min Typ
Mx
Unit
fT
Transition Frequency
IC=50 mA, VCE=10
V, f= 100MHz
2N1613
60
-
-
MHz
2N1711
70
-
-
CCBO
Collector-Base
Capacitance
IE= 0, VCB= 10 V, f = 1MHz
-
-
25
pF
CEBO
Emitter-Base
Capacitance
IC= 0, VEB= 0.5V, f = 1MHz
-
-
80
pF
NF
Noise Figure
IC= 0.3 mA, VCE= 10 V
f = 1 kHz, R9= 510 Ω
2N1613
-
-
12
dB
IC= 0.3 mA, VCE= 10 V
f = 1 kHz, R9= 510 Ω
2N1711
-
-
8
(*) Pulse conditions : tp < 300
µs, δ =2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com