Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5LG Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # SP5LG
Description  5.0kV 270mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

SP5LG Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  SP5LG Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C
SP5LG
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
270
150
150
-55 to +150
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
Outline Drawings : mm
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
5.0
SP5LG
SP5LG
14
10
0.1
10
5.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
=VRRM
R
=VRRM
75
nS
=IF(AV)
HIGH VOLTAGE SURFACE MOUNT
DIODES – SM & SP SERIES
5.0kV 270mA HIGH VOLTAGE DIODES
Derating Curves
2.05
2.21
4.57
2.84
0.50
8.60
6.30
1.30
2.13
0.61


Similar Part No. - SP5LG

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SP5LG NJSEMI-SP5LG Datasheet
121Kb / 2P
Derating Curves
logo
Anshan Leadsun Electron...
SP5LG LEADSUN-SP5LG Datasheet
314Kb / 1P
High Voltage Diode
logo
GETAI ELECTRONICS DEVIC...
SP5LG GETEDZ-SP5LG_17 Datasheet
554Kb / 2P
270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
More results

Similar Description - SP5LG

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR5F GETEDZ-BR5F Datasheet
68Kb / 1P
5.0kV 0.8A HIGH VOLTAGE DIODES
HC5 GETEDZ-HC5 Datasheet
120Kb / 1P
5.0kV 1.0A HIGH VOLTAGE DIODES
SP5L GETEDZ-SP5L Datasheet
134Kb / 1P
5.0kV 270mA HIGH VOLTAGE DIODES
R5000F GETEDZ-R5000F_16 Datasheet
296Kb / 2P
200mA 5.0kV 500nS-HIGH VOLTAGE DIODE
HVP5 GETEDZ-HVP5 Datasheet
155Kb / 1P
5.0kV 750mA HIGH VOLTAGE DIODES
BR5F GETEDZ-BR5F_17 Datasheet
527Kb / 2P
BR5F 600mA 5.0kV 100nS -High Voltage Medium and High Current Diodes
ESJA02-05S GETEDZ-ESJA02-05S_17 Datasheet
461Kb / 1P
20mA 5.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV50FP GETEDZ-NV50FP_17 Datasheet
460Kb / 1P
20mA 5.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
SP5L GETEDZ-SP5L_17 Datasheet
534Kb / 2P
270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
SP5LG GETEDZ-SP5LG_17 Datasheet
554Kb / 2P
270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com