Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3019 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N3019
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3019 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N3019 Datasheet HTML 1Page - Comset Semiconductor 2N3019 Datasheet HTML 2Page - Comset Semiconductor 2N3019 Datasheet HTML 3Page - Comset Semiconductor 2N3019 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN 2N3019 – 2N3020
16/10/2012
COMSET SEMICONDUCTORS
2/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
VCB =950 V
IE =0
2N3019
-
-
10
nA
2N3020
VCB =90 V, IE =0
Tj =150°C
2N3019
-
-
10
µA
2N3020
IEBO
Emitter Cutoff Current
VEB =5 V
IC =0
2N3019
-
-
10
nA
2N3020
VCEO
Collector Emitter Breakdown
Voltage
IC =10 mA
IB =0
2N3019
80
-
-
V
2N3020
VCBO
Collector Base Breakdown
Voltage
IC =100 µA
IE =0
2N3019
140
-
-
V
2N3020
VEBO
Emitter Base Breakdown
Voltage
IE =100 µA
IC =0
2N3019
7
-
-
V
2N3020
hFE
DC Current Gain (*)
IC =0.1 mA
VCE =10 V
2N3019
50
-
-
-
2N3020
30
-
100
IC =10 mA
VCE =10 V
2N3019
90
-
-
2N3020
40
-
120
IC =150 mA
VCE =10 V
2N3019
100
-
300
2N3020
40
-
120
IC =500 mA
VCE =10 V
2N3019
50
-
-
2N3020
30
-
100
IC =1 A
VCE =10 V
2N3019
15
-
-
2N3020
IC =150 mA
VCE =10 V
Tamb = -55°C
2N3019
40
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC =150 mA
IB =15 mA
2N3019
-
-
0.2
V
2N3020
IC =500 mA
IB =50 mA
2N3019
-
-
0.5
2N3020
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC =150 mA
IB =15 mA
2N3019
-
-
1.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com