Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL1 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # IL1
Description  HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IL1 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  IL1 Datasheet HTML 1Page - ISOCOM COMPONENTS IL1 Datasheet HTML 2Page - ISOCOM COMPONENTS IL1 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABSOLUTEMAXIMUMRATINGS
(25°C unless otherwise specified)
Storage Temperature
-40°C to + 125°C
Operating Temperature
-25°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUTDIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
OUTPUTTRANSISTOR
Collector-emitter Voltage BV
CEO
IL2,ILD2,ILQ2,IL5,ILD5,ILQ5
70V
IL1,ILD1,ILQ1,IL74,ILD74,ILQ74
50V
Emitter-collector Voltage BV
ECO
6V
Collector Current
50mA
Power Dissipation
150mW
POWERDISSIPATION
Total Power Dissipation
170mW
(derate linearly 2.67mW/°C above 25°C)
Input
ForwardVoltage (V
F)
1.2
1.65
V
I
F = 50mA
Reverse Current (I
R)10
μAV
R = 4V
Output
Collector-emitter Breakdown (BV
CEO)
IL2,ILD2,ILQ2,IL5,ILD5,ILQ5
70
V
I
C = 1mA , ( Note 2 )
IL1,ILD1,ILQ1,IL74,ILD74,ILQ74
50
V
I
C = 1mA , ( Note 2 )
Emitter-collector Breakdown (BV
ECO)6
V
I
E = 100μA
Collector-emitter Dark Current (I
CEO)50
nA
V
CE = 10V
Coupled
Current Transfer Ratio (CTR) (Note 2)
IL1,ILD1,ILQ1
20
300
%
10mA I
F, 10V VCE
IL2,ILD2,ILQ2
100
500
%
10mA I
F, 10V VCE
IL5,ILD5,ILQ5
50
400
%
10mA I
F, 10V VCE
IL74,ILD74,ILQ74
12.5
%
16mA I
F , 5V VCE
Saturated Current Transfer Ratio
IL1,ILD1,ILQ1
75
%
10mA I
F , 0.4V VCE
IL2,ILD2,ILQ2
170
%
10mA I
F , 0.4V VCE
IL5,ILD5,ILQ5
100
%
10mA I
F , 0.4V VCE
IL74,ILD74,ILQ74
12.5
%
16mA I
F , 0.5V VCE
Collector-emitter Saturation Voltage,V
CE (SAT)
0.4
V
16mA I
F , 2mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
Input to Output Isolation Voltage V
ISO
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Output Rise Time
tr
2
μsI
F = 10mA
Output Fall Time
tf
2
μsV
CC = 5V, RL = 75Ω
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
17/7/08
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
DB91088m-AAS/A7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com