Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

182T2 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 182T2
Description  NPN SILICON TRANSISTORS, DIFFUSED MESA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

182T2 Datasheet(HTML) 2 Page - Comset Semiconductor

  182T2 Datasheet HTML 1Page - Comset Semiconductor 182T2 Datasheet HTML 2Page - Comset Semiconductor 182T2 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BDY23 – 180T2
BDY24 – 181T2
BDY25 – 182T2
31/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(BR)
Collector-Emitter
Breakdown Voltage (*)
IC=50 mA
IB=0
BDY23, 180T2
60
-
-
V
BDY24, 181T2
80
-
-
BDY25, 182T2
140
-
-
ICEO
Collector-Emitter Cutoff
Current
VCE=60 V
BDY23
-
-
1.0
mA
VCE=90 V
BDY24
-
-
VCE=140 V
BDY25
-
-
IEBO
Emitter-Base Cutoff
Current
VEB=10 V
BDY23, 180T2
-
-
1.0
mA
BDY24, 181T2
BDY25, 182T2
ICES
Collector-Emitter Cutoff
Current
VCE=60 V
VBE=0 V
BDY23, 180T2
-
-
0.5
mA
VCE=100 V
VBE=0 V
BDY24, 181T2
-
-
1.0
VCE=180 V
VBE=0 V
BDY25, 182T2
-
-
1.0
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC=2.0 A,
IB=0.25 A
BDY23, 180T2
-
-
1
V
BDY24, 181T2
-
-
0.6
BDY25, 182T2
-
-
0.6
V(BR)CBO
Collector-Base
Breakdown Voltage (*)
IC=3 mA
BDY23, 180T2
60
-
-
V
BDY24, 181T2
100
-
-
BDY25, 182T2
200
-
-
VBE(SAT)
Base-Emitter Voltage (*)
IC=2.0 A,
IB=0.25 A
BDY23, 180T2
-
-
2.0
V
BDY24, 181T2
-
-
1.2
BDY25, 182T2
-
-
1.2
h21E
Static Forward Current
transfer ratio (*)
VCE=4 V
IC=1 A
A
-
55
-
-
B
-
65
-
C
-
90
-
VCE=4 V
IC=2 A
A
15
20
45
B
30
45
90
C
75
82
100
fT
Transition Frequency
VCE=15 V, IC=0.5 A, f=10 MHz
10
-
-
MHz
td + tr
Turn-on time
IC=5 A, IB=1 A
-
0.3
0.5
µs
ts + tf
Turn-off time
IC=5 A, IB1=1 A, IB2=-0.5 A
-
0.3
0.5
µs
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com