Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1D Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # S1D
Description  1.0Amp Surface Mount Glass Passivated Rectifier 50 to 1000 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

S1D Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  S1D Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
·
Operating Temperature:-65℃ to+150℃
· Storage Temperature:-65℃ to+150℃
· Maximum Thermal Resistance: 30℃/W Junction to Terminal
Electrical Characteristics@25℃ Unless Otherwise Specified
Item
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S1A
S1A
50V
35V
50V
S1B
S1B
100V
70V
100V
S1D
S1D
200V
140V
200V
S1G
S1G
400V
280V
400V
S1J
S1J
600V
420V
600V
S1K
S1K
800V
560V
800V
S1M
S1M
1000V
700V
1000V
Average Rectified
Output Current
IO
1.0A
TT=100℃
Peak Forward Surge
Current
IFSM
30A
8.3ms,half
Sine-wave
Forward Voltage
Drop
VFM
1.1V
IF=1.0A
Peak Reverse Current at
Rated DC Blocking
Voltage
IRM
5.0uA
100uA
TA=25℃
TA=125℃
Typical Junction
Capacitance
CT
10pF
DO-214AC(SMA)
(High Profile)
1.0Amp Surface Mount
Glass Passivated
Rectifier
50 to 1000 Volts
·Glass Passivated Die Construction
·Low Forward Voltage Drop and High Current Capability
·Surge Overload Rating to 30A Peak
·Ideally Suited for Automated Assembly
·Available in Lead Free Version
S1A
THRU
S1M
Notes: 1. Measured at 1.0MHz and applied reverse voltage of 4.0 V DC.
2. Thermal Resistance Junction to Terminal ,unit mounted on PC board with 5.0mm
2(0.013mm thick) copper
pads as heat sink.
星合电子
XINGHE ELECTRONICS
1
GAOMI XINGHE ELECTRONICSCO.,LTD.     WWW.SDDZG.COM  TEL:0536-2210359


Similar Part No. - S1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1D PANJIT-S1D Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1D PHILIPS-S1D Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1D SURGE-S1D Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1D TRSYS-S1D Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S1D JGD-S1D Datasheet
148Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results

Similar Description - S1D

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
RGP10A CHENYI-RGP10A Datasheet
56Kb / 3P
1.0Amp glass passivated junction fast recovery rectifiers 50 to 1000 volts
logo
Micro Commercial Compon...
RA351GP MCC-RA351GP_08 Datasheet
103Kb / 3P
35Amp Glass Passivated Rectifier 50 to 1000 Volts
S8AL MCC-S8AL Datasheet
217Kb / 3P
8 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
SMLJ60S05 MCC-SMLJ60S05 Datasheet
217Kb / 3P
6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
SRA501GP MCC-SRA501GP Datasheet
216Kb / 3P
50Amp Glass Passivated Rectifier 50 to 1000 Volts
SMLJ60S5 MCC-SMLJ60S5 Datasheet
248Kb / 3P
6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
S8M-LTP MCC-S8M-LTP Datasheet
240Kb / 3P
8 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
SMLJ60S05-TP MCC-SMLJ60S05-TP Datasheet
248Kb / 3P
6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
S8AL MCC-S8AL_14 Datasheet
194Kb / 3P
Rectifier 50 - 1000 Volts 8 Amp Surface Mount Glass Passivated
S10AL MCC-S10AL Datasheet
218Kb / 4P
Rectifier 50 - 1000 Volts 10 Amp Surface Mount Glass Passivated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com