Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5621 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5621
Description  Creating a Constant Envelope Signal Using the ADL5331 RFVGA and AD8319 Log Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5621 Datasheet(HTML) 3 Page - Analog Devices

  AD5621 Datasheet HTML 1Page - Analog Devices AD5621 Datasheet HTML 2Page - Analog Devices AD5621 Datasheet HTML 3Page - Analog Devices AD5621 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Circuit Note
CN-0082
Rev. 0 | Page 3 of 4
AD8319 OUTPUT
CH1 250mV
Ω CH2 200mV
CH3 250mV
Ω
M2.00ms
A CH4
1.80V
1
2
3
T
0.00000s
T
T
ADL5331 OUTPUT
AM MODULATED INPUT
Figure 5. Oscilloscope Screenshot Showing an
AM Modulated Input Signal
Figure 6 shows the response of the AGC RF output to a pulse
on VSET. As VSET decreases to 1 V, the AGC loop responds with
an RF burst. Response time and the amount of signal
integration are controlled by the capacitance at the AD8319
CLFP pin—a function analogous to the feedback capacitor
around an integrating amplifier. An increase in the capacitance
results in a slower response time.
The circuit must be constructed on a multilayer PC board with
a large area ground plane. Proper layout, grounding, and
decoupling techniques must be used to achieve optimum
performance (see Tutorial MT-031 and Tutorial MT-101 and
the ADL5331and AD8319 evaluation board layouts).
On the underside of the ADL5331 and AD8319 chip scale
packages, there is an exposed compressed paddle. This paddle is
internally connected to the chip’s ground. Solder the paddle to
the low impedance ground plane on the printed circuit board to
ensure the specified electrical performance and to provide
thermal relief. It is also recommended that the ground planes
on all layers under the paddle be stitched together with vias to
reduce thermal impedance.
COMMON VARIATIONS
This circuit can be used to implement a constant power out
function (fixed setpoint with variable input power) or a variable
power out function (variable setpoint with fixed or variable
input power). If a higher output power control range is desired,
the AD8318 log amp (60 dB power detection range) can be used
in place of the AD8319. For a constant output power function,
the lower dynamic range of the AD8319 will be adequate since
the loop will always servo the detector’s input power to a
constant level.
The ADL5331 VGA, which is optimized for transmit
applications, can also be replaced by the AD8368 VGA. The
AD8368 is optimized for low frequency receive applications up
to 800 MHz and provides 34 dB of linear-in-dB voltage-
controlled variable gain.
CH3 200mV
Ω
CH2 500mV B
W
M 4.0µs 12.5MS/s 80.0ns/pt
A CH1
150mV
2
t1: 4.48µs
t2: 2.4µs
Δt: –2.08µs
1/Δt: –480.8kHz
MEAN(C1) 440.3mV
CURS2 POS
2.4µs
CURS1 POS
4.48µs
AMPL(C1) 3.36V
AMPL(C2) 900mV
Figure 6. Oscilloscope Screenshot Showing the ADL5331 Output
LEARN MORE
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of"AGND" and "DGND." Analog Devices.
MT-073 Tutorial, High Speed Variable Gain Amplifiers. Analog
Devices.
MT-077 Tutorial, Log Amp Basics. Analog Devices.
MT-078 Tutorial, High Speed Log Amps. Analog Devices.
MT-101 Tutorial, Decoupling Techniques. Analog Devices.
Whitlow, Dana. Design and Operation of Automatic Gain
Control Loops for Receivers in Modern Communications
Systems. ChapterVIII, Analog Devices Wireless
Seminar (2006).
Data Sheets and Evaluation Boards
AD5621 Data Sheet.
AD8318 Data Sheet.
AD8319 Data Sheet.
AD8319 Evaluation Board.
AD8368 Data Sheet.
ADL5331 Data Sheet.
ADL5331 Evaluation Board.
REVISION HISTORY
7/09—Revision 0: Initial Version



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com