Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP121 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP121
Description  Low Power, Long Range, ISM Wireless Measuring Node
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121 Datasheet(HTML) 2 Page - Analog Devices

  ADP121 Datasheet HTML 1Page - Analog Devices ADP121 Datasheet HTML 2Page - Analog Devices ADP121 Datasheet HTML 3Page - Analog Devices ADP121 Datasheet HTML 4Page - Analog Devices ADP121 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CN-0164
Circuit Note
Rev. A | Page 2 of 5
The ADuC7060 precision analog microcontroller has a low
power ARM7 core as well as a myriad of precision analog
functions. The onboard multiplexer, digitally programmable
gain amplifier (PGA), voltage reference, programmable current
sources, and 24-bit sigma-delta ADC allow almost any temper-
ature and bridge sensors to be directly connected. In this case, a
4-wire Pt100 (100 Ω platinum RTD) temperature sensor was
chosen. Further details on the measuring circuit can be found
in the AN-0970 Application Note.
The wireless band chosen for this application is the sub-GHz,
license-free ISM (industrial, scientific, medical) band. The
ADF7020 transceiver, which supports bands in the 431 MHz to
478 MHz as well as the 862 MHz to 956 MHz frequency ranges,
is, therefore, a natural choice. This low power transceiver
requires very few external components, is easily connected to
the ADuC7060 precision analog microcontroller, and offers
excellent performance.
The ADP121 voltage regulator provides the 2.5 V supply from
two 1.5 V batteries. The very low quiescent current of this
voltage regulator (11µA at no load) is paramount in maxi-
mizing battery lifetime.
CIRCUIT DESCRIPTION
Two buses connect the ADF7020 ISM transceiver with the
ADuC7060 precision microcontroller. Both buses are serial and
bidirectional. One of these buses configures the transceiver, and
it requires four microprocessor ports. The second bus is the
data bus, which enables the data transaction between controller
and transceiver. This bus requires at least three microprocessor
ports. In this particular application, two ports are used instead
of one bidirectional port with two interrupts. This simplifies the
software but necessitates the use of an extra diode and resistor
to separate incoming and outgoing data streams. A parallel
combination of two Schottky diodes ensures a logic low, which
is less than 200 mV. The BAT54C has two diodes in the same
package (connecting Pin 1 and Pin 2 together for a parallel
configuration). All digital ports on the ADuC7060 have
programmable pull-up resistors; however, an external pull-up
resistor is also required. With a data rate of 10 kbps, a 4.7 kΩ
resistor works well.
Three factors determine the overall current drawn by the
circuit: the requirement of the individual components in both
sleep and active modes), the amount of time the system is
active, and the amount of time the transceiver itself is active.
The first factor is addressed by choosing low power components
such as the ADuC7060 and the ADF7020. The second factor,
minimizing the activity of the system, is achieved by keeping
the system inactive as long as possible. It is worth considering
the tradeoff between integer versus floating point arithmetic—
in many cases, integer is sufficient, has a shorter execution time,
and, thus, provides greater savings. The final factor, reducing air
time, is achieved in part by using a protocol with minimum
overhead, but also to a large extent by using the ADF7020,
which has very high receiver sensitivity and good out-of-band
rejection, thus maximizing the probability that the data package
contains correct data.
Code Description—General
The system spends the majority of time in deep sleep mode,
with a current consumption of 50 µA to 60 µA (depending on
ambient temperature). Timer 2 wakes the system every second.
Every 60 seconds, an ADC measurement is executed, linearized,
and transmitted. Timer 2 can wake the system from deep sleep;
the other three timers cannot. Timer 2 is 16-bit, meaning that it
wakes every second when running from a 32 kHz clock (in sleep
mode). After the ADC is started, the system goes into pause
mode (see the ADuC7060 data sheet for more information). This
is a reduced power mode, albeit not as reduced as deep sleep.
The ADC wakes the system when finished. A temperature value
is calculated from the ADC results and is packaged and
transmitted.
Packaging essentially means placing appropriate data in a
buffer. In this case, the data consists of a 4-byte floating point
temperature value and a 2-byte CRC (cyclic redundancy check).
In a more complex system, a header with node address, received
signal strength, and other information precedes this data.
Before sending this buffer to the ADF7020 transceiver, an
8-byte preamb to help synchronize the receiving node and a
3-byte synchronization word, or sync word, are sent. This is a
unique 3-byte number that is checked for a match at the receiver
node before a package can be received.
The hardware is very similar on the receiving side; an ADF7020
transceiver is configured to listen for the unique sync word.
After the sync word is received, the data package follows. The
data is sent to the PC via the UART.
Flowcharts for the main loops of both the measurement node
and the base receiving node are displayed in Figure 2.
Source code for this circuit can be found at this address:
www.analog.com/CN0164_Source_Code.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com