Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9268
Description  Low Noise, Low Distortion Single-Ended Input Drive Circuit for Differential Input IF Sampling ADCs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 2 Page - Analog Devices

  AD9268 Datasheet HTML 1Page - Analog Devices AD9268 Datasheet HTML 2Page - Analog Devices AD9268 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CN-0171
Circuit Note
Rev. 0 | Page 2 of 3
The single-tone performance for an input frequency of 170 MHz
and a sampling rate of 122.88 MSPS is shown in Figure 3. Two-
tone performance is shown in Figure 4.
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
0
50
100
150
200
250
300
350
400
FREQUENCY (MHz)
Figure 2. Normalized Frequency Response of the ADC Interface
Shown in Figure 1
0
–20
–40
–60
–80
–100
–140
–120
0
5
10
15
20
25
30
35
40
45
50
55
65
60
FREQUENCY (MHz)
SAMPLE FREQUENCY = 122.88MHz
SNRFS = 75.877dB
INPUT FREQUENCY = 170MHZ
FUNDAMENTAL POWER = –1.044dBFS
SECOND HARMONIC POWER = –75.499dBc
THIRD HARMONIC POWER = –80.003dBc
NOISE
√Hz = –153.762dBFS/√Hz
Figure 3. Measured Single-Tone Performance of the Circuit Shown
in Figure 1 for an Input Frequency of 17 0MHz and Sampling Frequency
of 122.88 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
65
60
55
50
45
40
35
30
25
20
5
10
15
FREQUENCY (MHz)
FUNDAMENTAL1 = –7.161dBFS
FUNDAMENTAL2 = –7.116dBFS
IMD (2f1 – f2) = –66.07dBc
IMD (2f2 – f1) = –67.588dBc
NOISE FLOOR = –150.84dBFS/
√Hz
Figure 4. Measured Two-Tone Performance of the Circuit Shown
in Figure 1 for Input Tones Centered at 170 MHz and a Sampling Rate
of 122.88 MSPS
COMMON VARIATIONS
The application circuit described here can be modified for any
IF frequency within the operating range of the ADL5535/ADL5536
and the AD9268. As an alternative to the AD9268, the AD9640,
the AD6657, or the AD9644 can be used for the ADC in this
application.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com