Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J409 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # J409
Description  RoHS peak wave reflow temperature rating 245 C J0C SMT product, reduced size and low cost alternative to JV series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J409 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  J409 Datasheet HTML 1Page - Pulse A Technitrol Company J409 Datasheet HTML 2Page - Pulse A Technitrol Company J409 Datasheet HTML 3Page - Pulse A Technitrol Company J409 Datasheet HTML 4Page - Pulse A Technitrol Company J409 Datasheet HTML 5Page - Pulse A Technitrol Company J409 Datasheet HTML 6Page - Pulse A Technitrol Company J409 Datasheet HTML 7Page - Pulse A Technitrol Company J409 Datasheet HTML 8Page - Pulse A Technitrol Company J409 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
J409.N (05/13)
1
pulseelectronics.com
PulseJack™
Surface Mount 1x1
RoHS peak wave reflow temperature rating 245°C
J0C SMT product, reduced size and low cost alternative
to JV series
Meets IEEE 802.3 specification
High performance for maximum EMI suppression
Minimum 1500Vrms isolation per IEEE 802.3 requirement
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
RoHS
Compliant
Part No.
TX
RX
1-65
MHz
1-10
MHz
30
MHz
60-80
MHz
1-10
MHz
30-60
MHz
60-100
MHz
1-50
MHz
50-130
MHz
@ 60 Hz
1 MIN
J0C-0003NL
1CT:1
1CT:1
Down
No
No
No
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
J0C-0004NL
1CT:1
1CT:1
Down
No
No
Yes
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
J0C-0005NL
1CT:1
1CT:1
Down
No
Yes
No
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
J0C-0006NL
1CT:1
1CT:1
Down
No
Yes
Yes
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
JV006I21NL
1CT:1
1CT:1
Down
No
No
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JV011I21NL
1CT:1
1CT:1
Down
No
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JV026I21NL
1CTS:1
1CT:1
Down
No
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
J3011G21DNL
1CT:1
1CT:1
Up
G/Y
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
J3026G01DNL
1CTS:1
1CT:1
Up
G/Y
Yes
No
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
J3026G21DNL
1CTS:1
1CT:1
Up
G/Y
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JX30-0005NL
1CT:1
1CT:1
Up
G/Y
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
Notes:
1. LEDs Left/Right: G = green; Y = yellow.
2. Add suffix “T” for Tape & Reel option (e.g. J0C-0004T).
3. Extended Temperature: -40° to 85° C
Description:
100 Base-TX (Fast Ethernet) surface mount RJ45 single port (1x1) Tab-UP/DOWN with or without
LEDS Integrated Magnetics Connector, designed to support applications such as: Set Top Box and
Network Interface Cars (NIC).
Features and Benefits:
Common Mode
Rejection
(dB MIN)
Crosstalk
(dB MIN)
Return Loss
(dB MIN)
100
Ω (±15Ω)
Insertion
Loss
(dB MAX)
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
LEDs
L/R
BST
Circuit
EMI
Finger
Turns
Ratios
Hipot
(Vrms MIN)
Tab
Option
Up/Down
1
3
RJ45 Durability Test Rating
Part Number
Mating Force
(MAX)
Unmating Force
(MAX)
Durability
Plug to Jack
Retention (MIN)
J0C/JV/J3 Series
5 Ibs./2.268 kgs.
5 Ibs./2.268 kgs.
750 Insertions
20 Ibs./9.072 kgs.
SMT Contacts
J0C
J30
JV0
3


Similar Part No. - J409

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J409 PULSE-J409 Datasheet
261Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
J409 PULSE-J409 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
J409 PULSE-J409_15 Datasheet
1Mb / 12P
Surface Mount 1x1
More results

Similar Description - J409

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HX1188NLT PULSE-HX1188NLT Datasheet
211Kb / 3P
RoHS peak reflow temperature rating: 245째C째째
H304 PULSE-H304 Datasheet
832Kb / 4P
RoHS peak reflow temperature rating 260C
H316 PULSE-H316 Datasheet
702Kb / 4P
RoHS peak reflow temperature rating: 245C
H325 PULSE-H325 Datasheet
526Kb / 3P
RoHS peak reflow temperature rating: 245C
H327 PULSE-H327 Datasheet
1Mb / 5P
RoHS peak reflow temperature rating 245C
H328 PULSE-H328 Datasheet
526Kb / 2P
RoHS peak reflow temperature rating 245C
HC500 PULSE-HC500 Datasheet
1Mb / 4P
RoHS peak reflow temperature rating 245 C
PE-65967NLT PULSE-PE-65967NLT Datasheet
920Kb / 4P
RoHS peak reflow temperature rating 245
T1212NL PULSE-T1212NL Datasheet
81Kb / 2P
RoHS peak reflow temperature rating 245
J0011D11 PULSE-J0011D11 Datasheet
1Mb / 6P
RoHS peak wave solder temperature rating 260C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com