Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6702 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6702
Description  High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 2 Page - Analog Devices

  ADRF6702 Datasheet HTML 1Page - Analog Devices ADRF6702 Datasheet HTML 2Page - Analog Devices ADRF6702 Datasheet HTML 3Page - Analog Devices ADRF6702 Datasheet HTML 4Page - Analog Devices ADRF6702 Datasheet HTML 5Page - Analog Devices ADRF6702 Datasheet HTML 6Page - Analog Devices ADRF6702 Datasheet HTML 7Page - Analog Devices ADRF6702 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CN-0243
Circuit Note
Rev. 0 | Page 2 of 8
of this circuit is good enough to enable both ZIF (zero IF/
baseband) and CIF (complex IF up to 200 MHz to 300 MHz).
The AD9122 has the option of up to 8× interpolation, as well as
a 32-bit NCO for very fine IF frequency selectivity.
Overall performance of a transmitter is highly dependent on the
dynamic range of the components directly in the signal chain.
In a mixed-signal transmitter using a DAC and IQ modulator,
the noise floor and distortion characteristics of these
components define the overall dynamic range of the signal
chain. However, the noise floor of the DAC can also be
degraded by sample clock jitter, and the IQ modulator
performance is dependent on the noise and spur characteristics
of its local oscillator (LO). Using high performance components
for sample clock and LO generation is, therefore, key to a high
performance transmitter.
In addition, generating these signals physically close to the DAC
and modulator on the PCB and using a single external reference
can make the design much simpler. Generating the sample
clock and LO (LO is very often a multi-GHz signal) separately
and at some distance from the DAC and IQ modulator requires
great care in the PCB layout. Subtle layout errors can cause
coupling to and from these critical signals and degrade overall
signal chain performance.
The signal chain performance is also heavily dependent on the
DAC/ IQ modulator interface filter. For optimal performance,
this passive filter should be designed after careful analysis of the
required system specifications.
The ADRF6702 includes an on-board fractional PLL for LO
generation so that a low frequency reference (typically less than
100 MHz) is all that is necessary to synthesize the IQ modulator
LO. Using the PLL in the AD9516 clock generator allows a
single reference to generate both the DAC sample clock and the
PLL reference for the ADRF6702.
The circuit in Figure 1 was built using the AD9516-0, but other
members of the AD9516 family could be used depending on the
desired internal VCO frequency.
CIRCUIT DESCRIPTION
ADRF6702 IQ Modulator with Internal LO Synthesizer,
Synthesizer IQ Modulator Interface
The ADRF6702 IQ modulator is a unique device in several
respects. In addition to its exceptional dynamic range, it also
includes a fractional-N PLL, which allows programming of
discrete LO frequency steps of less than 25 kHz while at the
same time keeping the overall frequency multiplication small
enough to avoid a large increase in phase noise from the
reference to the synthesizer output.
Another aspect of the ADRF6702 is the divide-by-2 architecture
of the IQ modulator. Traditional IQ modulators accept an LO
input frequency at 1× the desired LO. Internally, a distributed
RC network creates the desired in-phase and quadrature LO
signals from the single LO frequency input. Because this is a
passive RC network, the bandwidth over which quadrature
modulation accuracy is achieved is limited. Also, for good
quadrature accuracy, the external LO should be spectrally pure.
Harmonics on the LO with this traditional IQ modulator
architecture can degrade the overall modulation accuracy. For
this reason, when using a PLL synthesizer to generate an LO
signal for an IQ modulator, a sharp band-pass or low-pass filter
is often required at the IQ modulator LO input.
In the divide-by-2 LO architecture of the ADRF6702, a simple
digital divider is used internally to create nearly perfect
quadrature over a wide band. The PLL synthesizer generates the
2× LO internally, so that it does not have to be distributed
around the PCB, and no filter is required between the
synthesizer and IQ modulator LO because the 2× LO
architecture is only sensitive to the edges of the LO signal, not
the frequency content. For a detailed descripton of the effects of
LO harmonics on a 1× IQ modulator and the design of the LO
filter, see Circuit Note CN-0134.
Sampled Signal to RF, Overall Spur Floor
A baseband signal goes through a number of steps on the way to
the RF transmit frequency. The signal begins in the discrete
–4x
–245.76
–184.32
–122.88
–61.44
61.44
122.88
184.32
245.76
DC
FREQUENCY
FREQUENCY (x-FDATA)
0dB
–20dB
–40dB
–60dB
–80dB
–100dB
–3x
–2x
–1x
DC
1x
2x
3x
4x
Figure 2. DAC Output Spectrum, Solid Blue Line Represents Baseband Signal and Images, Dotted Red Line Represents DAC Sinc Function



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com