Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC140/10 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BC140/10
Description  GENERAL PURPOSE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BC140/10 Datasheet(HTML) 2 Page - Comset Semiconductor

  BC140/10 Datasheet HTML 1Page - Comset Semiconductor BC140/10 Datasheet HTML 2Page - Comset Semiconductor BC140/10 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BC140/10 – BC140/16
NPN BC141/10 – BC141/16
16/10/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICES
Collector – Cutoff Current
IE= 0
VCES= 60 V
BC140
-
-
100
nA
BC141
IE= 0, VCES= 60 V
Tamb = 150°c
BC140
-
-
100
µA
BC141
VCB0
Collector – Base
Breakdown Voltage
IC = 100 µA
IE= 0
BC140
80
-
-
V
BC141
100
-
-
VCE0 (*)
Collector – Emitter
Breakdown Voltage
IC = 30 mA
IB= 0
BC140
40
-
-
V
BC141
60
-
-
VEB0
Emitter – Base
Breakdown Voltage
IE= 100 µA
IC= 0
BC140
7
-
-
V
BC141
VCE(SAT) (*)
Collector-Emitter
saturation Voltage
IC= 100 mA , IB= 10 mA
-
0.1
V
IC= 500 mA , IB= 50 mA
-
0.35
IC= 1 A, IB= 100 mA
-
0.6
1
VBE (*)
Base-Emitter Voltage
IC= 1 A , VCE= 1V
1.25
1.8
hFE (*)
DC Current Gain
IC= 100 µA , VCE= 1
V
-
75
-
-
Gr 10
-
40
-
Gr 16
-
90
-
IC= 100 mA , VCE= 1
V
40
140
250
Gr 10
63
100
160
Gr 16
100
160
250
IC= 1 A , VCE= 1 V
-
26
-
Gr 10
-
20
-
Gr 16
-
30
-
fT
Transition Frequency
IC= 50 mA , VCE= 10 V
50
-
-
MHZ
CCBO
Collector – base
Capacitance
IE= 0 ;VCB= 10V
f = 1 MHZ
-
12
25
pF
toff
Turn-off times
IC=100 mA
IB1=-IB2=5 mA
-
-
850
ns
ton
Turn-on times
IC=100 mA
IB1=1 mA
-
-
250
ns
(*) Pulsed : pulse duration = 300µs, duty cycle = 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com