Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6510
Description  An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6510 Datasheet HTML 1Page - Analog Devices ADRF6510 Datasheet HTML 2Page - Analog Devices ADRF6510 Datasheet HTML 3Page - Analog Devices ADRF6510 Datasheet HTML 4Page - Analog Devices ADRF6510 Datasheet HTML 5Page - Analog Devices ADRF6510 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Circuit Note
CN-0248
Rev. 0 | Page 3 of 6
Measurement Results
A 4-QAM, 5 MSPS modulated signal was applied to the input of
the ADL5336. For more information on the test setup, see the
Circuit Evaluation and Test section.
EVM is a measure of the quality of the performance of a digital
transmitter or receiver and is a measure of the deviation of the
actual constellation points from their ideal locations, due to
both magnitude and phase errors. This is shown in Figure 2.
Q
I
ERROR
VECTOR
MEASURED
SIGNAL
PHASE ERROR
(I/Q ERROR PHASE)
MAGNITUDE ERROR
(I/Q ERROR PHASE)
IDEAL SIGNAL
(REFERENCE)
0
Figure 2. EVM Plot
Figure 3 shows the system EVM vs. the input power to the
ADL5336 while the maximum gains on the VGAs are set to
15.2 dB and 19.5 dB for VGA1 and VGA2, respectively. Several
AGC setpoint combinations were tested. Figure 4 is also system
EVM vs. the input power to the ADL5336; however, the gain of
the VGA’s was set 9.7 dB and 13.4 dB, respectively. The same
AGC setpoint combinations were tested.
0
–50
–95
35
PIN (dBm)
–45
–40
–35
–30
–25
–20
–15
–10
–5
–85 –75 –65 –55 –45 –35 –25 –15
–5
5
15
25
VGA1 = 88mV rms, VGA2 = 88mV rms
VGA1 = 88mV rms, VGA2 = 707mV rms
VGA1 = 250mV rms, VGA2 = 250mV rms
VGA1 = 707mV rms, VGA2 = 88mV rms
VGA1 = 707mV rms, VGA2 = 707mV rms
VGA1 = 88mV rms, VGA2 = 250mV rms
VGA1 = 250mV rms, VGA2 = 88mV rms
VGA1 = 250mV rms, VGA2 = 707mV rms
VGA1 = 707mV rms, VGA2 = 250mV rms
Figure 3. System EVM, Digital VGA Gains = 11
0
–50
–95
35
PIN (dBm)
–45
–40
–35
–30
–25
–20
–15
–10
–5
–85 –75 –65 –55 –45 –35 –25 –15
–5
5
15
25
VGA1 = 88mV rms, VGA2 = 88mV rms
VGA1 = 88mV rms, VGA2 = 707mV rms
VGA1 = 250mV rms, VGA2 = 250mV rms
VGA1 = 707mV rms, VGA2 = 88mV rms
VGA1 = 707mV rms, VGA2 = 707mV rms
VGA1 = 88mV rms, VGA2 = 250mV rms
VGA1 = 250mV rms, VGA2 = 88mV rms
VGA1 = 250mV rms, VGA2 = 707mV rms
VGA1 = 707mV rms, VGA2 = 250mV rms
Figure 4. System EVM, Digital VGA Gains = 00
Figure 3 and Figure 4 illustrate the importance of keeping the
signal levels applied to the ADRF6510 low enough not to
compress the input stage and/or filter. At the highest of AGC
setpoints (500 mV rms and 707 mV rms), the input of the
ADL5387 IQ demodulator is starting to compress and adds
additional degradation to the EVM. The best EVM is achieved
when the AGC setpoints are at their lowest (88 mV rms). EVM is
already beginning to degrade when the setpoints are 250 mV rms.
Figure 5 compares the EVM between the minimum and the
maximum digital gain settings (both VGAs were set to either a
gain code of 11 or a gain code of 00) on the ADL5336 VGAs when
VGA1 and VGA2 setpoints are 250 mV rms and 88 mV rms,
respectively.
0
–50
–95
35
PIN (dBm)
–45
–40
–35
–30
–25
–20
–15
–10
–5
–85 –75 –65 –55 –45 –35 –25 –15
–5
5
15
25
GAIN = 11
GAIN = 00
Figure 5. System EVM with VGA1 Setpoint = 250 mV rms and
VGA2 Setpoint = 88 mV rms
For the given AGC setpoints, when the maximum gain code
was 11, the handoff from VGA2 to VGA1 occurs after VGA2
runs out of the gain range; therefore, the signal level being applied
to the ADRF6510 continues to increase (and degrade EVM) until
VGA1 reaches its setpoint. Once VGA1 reaches its own setpoint,
the EVM levels off again; therefore, the signal level being applied to
the ADRF6510 does not change until VGA1 runs out of the gain
range at about 5 dBm of input power. When the maximum gain
code was set to 00, both VGAs have more attenuation available,
thus allowing VGA2 to shift its dynamic range such that it does not



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com