Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9467
Description  Resonant Approach to Designing a Band-Pass Filter for Narrow-Band, High IF, 16-Bit, 250 MSPS Receiver Front End
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 1 Page - Analog Devices

  AD9467 Datasheet HTML 1Page - Analog Devices AD9467 Datasheet HTML 2Page - Analog Devices AD9467 Datasheet HTML 3Page - Analog Devices AD9467 Datasheet HTML 4Page - Analog Devices AD9467 Datasheet HTML 5Page - Analog Devices AD9467 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Circuit Note
CN-0268
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport,visitwww.analog.com/CN0268.
Devices Connected/Referenced
ADL5565
6 GHz Ultrahigh Dynamic Range Differential
Amplifier
AD9467
16-Bit, 200 MSPS/250 MSPS ADC
Resonant Approach to Designing a Band-Pass Filter for Narrow-Band, High IF, 16-Bit,
250 MSPS Receiver Front End
Rev. 0
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit shown in Figure 1 is a 16-bit, 250 MSPS, narrow-band,
high IF receiver front end with an optimum interface between
the ADL5565 differential amplifier and the AD9467 ADC.
The AD9467 is a buffered input 16-bit, 200 MSPS or 250 MSPS
ADC with SNR performance of approximately 75.5 dBFS and
SFDR performance between 95 dBFS and 98 dBFS. The ADL5565
differential amplifier is suitable for driving IF sampling ADCs
because of its high input bandwidth, low distortion, and high
output linearity.
This circuit note describes a systematic procedure for designing
the interface circuit and the antialiasing filter that maintains
high performance and ensures minimal signal loss. A resonant
approach is used to design a maximally flat Butterworth fourth-
order band-pass filter with a center frequency of 200 MHz.
CIRCUIT DESCRIPTION
The advantages of using a differential amplifier to drive a high
speed ADC include signal gain, isolation, and source impedance
matching to the ADC. The ADL5565 allows pin-strappable gain
adjustments of 6 dB, 12 dB, or 15.5 dB. Alternatively, by applying
two external resistors to the inputs, finer gain steps can be achieved
within the 0 dB to 15.5 dB range. Additionally, the ADL5565
offers high output linearity, low distortion, low noise, and wide
input bandwidth. The 3 dB bandwidth is 6 GHz, and the 0.1 dB
flatness is 1 GHz. The ADL5565 is capable of achieving an
output third-order intercept (OIP3) of greater than 50 dB.
0.1µF
ADL5565
G = 6dB
3.5pF
530Ω
0.1µF
33Ω
33Ω
1nF
1nF
XFMR
1:1 Z
ECT1-1-13M
INPUT
Z = 50Ω
INTERNAL
INPUT Z
AD9467
16-BIT
250MSPS
ADC
15Ω
15Ω
310Ω
5.6Ω
5.6Ω
39nH
2pF
VIP2
VIN2
5Ω
5Ω
+3.3V
+1.8V
VIP1
VIN1
ZI = 200Ω
+3.3V
FS = 2V p-p DIFF
8.2pF
39nH
150nH
150nH
180nH
Figure 1. Resonant Filter Design for Narrow Band High IF Applications Using the ADL5565 Differential Amplifier and the AD9467 ADC


Similar Part No. - AD9467

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9467 AD-AD9467 Datasheet
269Kb / 5P
High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
REV. A
AD9467 AD-AD9467 Datasheet
985Kb / 34P
Analog-to-Digital Converter
Rev. D
AD9467-200EBZ AD-AD9467-200EBZ Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9467-200EBZ AD-AD9467-200EBZ Datasheet
985Kb / 34P
Analog-to-Digital Converter
Rev. D
More results

Similar Description - AD9467

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2206 NJRC-NJM2206 Datasheet
506Kb / 13P
LOW POWER IF/AF PLL CIRCUIT FOR NARROW BAND FM RECEIVER
NJM2292 NJRC-NJM2292 Datasheet
230Kb / 7P
NARROW BAND FM IF IC
logo
TOKO, Inc
TK14600 TOKO-TK14600 Datasheet
96Kb / 8P
NARROW BAND FM IF AMPLIFIER
TK83361M TOKO-TK83361M Datasheet
155Kb / 15P
NARROW BAND FM IF IC
logo
Hitachi Semiconductor
HA12442V HITACHI-HA12442V Datasheet
339Kb / 14P
Narrow Band Width FM-IF
logo
Analog Devices
AD6650 AD-AD6650_07 Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
CN-0279 AD-CN-0279 Datasheet
176Kb / 5P
High IF Sampling Receiver Front End with Band-Pass Filter
REV. 0
logo
Asahi Kasei Microsystem...
AK2365A AKM-AK2365A Datasheet
699Kb / 33P
FM IF Detector with Narrow Band Filter
logo
Advanced Crystal Techno...
ACTF2068 ACT-ACTF2068 Datasheet
330Kb / 2P
IF band pass filter
ACTF2088 ACT-ACTF2088 Datasheet
338Kb / 2P
IF band pass filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com