Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603SFP450F Datasheet(PDF) 21 Page - Tyco Electronics

Part # 0603SFP450F
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFP450F Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 0603SFP450F Datasheet HTML 17Page - Tyco Electronics 0603SFP450F Datasheet HTML 18Page - Tyco Electronics 0603SFP450F Datasheet HTML 19Page - Tyco Electronics 0603SFP450F Datasheet HTML 20Page - Tyco Electronics 0603SFP450F Datasheet HTML 21Page - Tyco Electronics 0603SFP450F Datasheet HTML 22Page - Tyco Electronics 0603SFP450F Datasheet HTML 23Page - Tyco Electronics 0603SFP450F Datasheet HTML 24Page - Tyco Electronics 0603SFP450F Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
95
RoHS Compliant, ELV Compliant
HF Halogen Free
11
Please go to page 97 for more information for 2410 Fast-Acting Fuses.
100
10
1
0.1
0.01
0.001
10
1000
100
1
0.1
Current (A)
2410SFV Average Time Current Curves
Figure SFV1
100,000
10,000
1000
100
10
1
0.1
0.01
0.01
0.001
10
0.1
1
100
Time (s)
2410SFV I2T vs. t Curves
1.00A
0.50A
0.63A
0.75A
1.50A
1.25A
2.00A
2.50A
3.00A
3.15A
3.50A
4.00A
5.00A
7.00A
8.00A
10.0A
12.0A
15.0A
20.0A
6.30A
Figure SFV2
Figure SFV1-SFV2 Family Performance Curves for 2410 Very Fast-Acting Fuses
Note: Curves are nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com