Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206SFP450F Datasheet(PDF) 13 Page - Tyco Electronics

Part # 1206SFP450F
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFP450F Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 1206SFP450F Datasheet HTML 9Page - Tyco Electronics 1206SFP450F Datasheet HTML 10Page - Tyco Electronics 1206SFP450F Datasheet HTML 11Page - Tyco Electronics 1206SFP450F Datasheet HTML 12Page - Tyco Electronics 1206SFP450F Datasheet HTML 13Page - Tyco Electronics 1206SFP450F Datasheet HTML 14Page - Tyco Electronics 1206SFP450F Datasheet HTML 15Page - Tyco Electronics 1206SFP450F Datasheet HTML 16Page - Tyco Electronics 1206SFP450F Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
87
11
The monolithic multilayer design of the TE Circuit
Protection
high-current-rated
chip
fuses
helps
to
provide some of the highest current ratings available in
the
1206
size
and
enhances
high-temperature
performance in a wide range of circuit protection
designs. The devices’ small size, high reliability and
strong
arc
suppression
characteristics
make
them
suitable for overcurrent protection of power supplies,
servers, communications equipment, voltage regulator
modules, and other high-current, small size applications.
• Glass ceramic monolithic structure provides stability
in application cycling
• High-current rating in a small package allows more
efficient use in system space
• Strong arc suppression in overcurrent conditions
• Lead free materials and RoHS compliant
• Halogen free
(refers to: Br
900ppm, Cl
900ppm, Br+Cl
1500ppm)
• Monolithic multilayer design
• High-temperature performance
• -55°C to +125°C operating temperature range
• Communications equipment
• Voltage regulator modules
• Power supplies
• Servers
Benefits
Features
Applications
Surface-mount Fuses
High-Current-Rated Chip Fuses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com