Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2013310-3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2013310-3
Description  DDR3 DIMM Sockets
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2013310-3 Datasheet(HTML) 2 Page - Tyco Electronics

  2013310-3 Datasheet HTML 1Page - Tyco Electronics 2013310-3 Datasheet HTML 2Page - Tyco Electronics 2013310-3 Datasheet HTML 3Page - Tyco Electronics 2013310-3 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DDR3 DIMM Sockets
TE Connectivity
KEY FEATURES
•DDR3 DIMM Vertical
Through Hole
•DDR3 DIMM Vertical
Surface Mount
•DDR3 DIMM Right
Angle Surface Mount
•Mini DIMM Right
Angle Surface Mount
APPLICATIONS
Applications : Servers, Notebook PCs, Communications Equipment
PRODUCT OFFERING Cont.
DDR3 SO DIMM 204 position Right Angle Surface Mount 4.0mm Height
Part Number
Std Keying
Part Number
Rvs Keying
Contact
Plating
Housing
Color
Boss
Packaging
2013022-1
2013287-1
Gold flash
Black
With
Tray
2013022-2
2013287-2
Gold (10)
Black
With
Tray
2013022-3
2013287-3
Gold (30)
Black
With
Tray
2-2013022-1
2-2013287-1
Gold flash
Black
With
Reel
2-2013022-2
2-2013287-2
Gold (10)
Black
With
Reel
2-2013022-3
2-2013287-3
Gold (30)
Black
With
Reel
DDR3 SO DIMM 204 position Right Angle Surface Mount 8.0mm Height
Part Number
Std Keying
Part Number
Rvs Keying
Contact
Plating
Housing
Color
Boss
Packaging
2013297-1
2013298-1
Gold flash
Black
With
Tray
2013297-2
2013298-2
Gold (10)
Black
With
Tray
2013297-3
2013298-3
Gold (30)
Black
With
Tray
2-2013297-1
2-2013298-1
Gold flash
Black
With
Reel
2-2013297-2
2-2013298-2
Gold (10)
Black
With
Reel
2-2013297-3
2-2013298-3
Gold (30)
Black
With
Reel
DDR3 SO DIMM 204 position Right Angle Surface Mount 9.2mm Height
Part Number
Std Keying
Part Number
Rvs Keying
Contact
Plating
Housing
Color
Boss
Packaging
2013310-1
2013311-1
Gold flash
Black
With
Tray
2013310-2
2013311-2
Gold (10)
Black
With
Tray
2013310-3
2013311-3
Gold (30)
Black
With
Tray
2-2013310-1
2-2013311-1
Gold flash
Black
With
Reel
2-2013310-2
2-2013311-2
Gold (10)
Black
With
Reel
2-2013310-3
2-2013311-3
Gold (30)
Black
With
Reel
Mini DIMM 244 Position Right Angle Surface Mount
Part Number
Keying
Contact
Plating
Height
Housing
Color
Packaging
1735438-2
Reverse
Gold (30)
9.79 mm
Black
Tray
1735438-4
Standard
Gold (30)
9.79 mm
Black
Tray
1-1735438-2
Reverse
Gold (15)
9.79 mm
Black
Tray
1-1735438-4
Standard
Gold (15)
9.79 mm
Black
Tray
DDR3 DIMM 240 Position Vertical Surface Mount
Part Number
Contact Plating
Housing Color Extractor Color
Packaging
2040727-1
Gold Flash
Black
Natural
Tray
2040727-4
Gold (15)
Black
Natural
Tray
2040727-5
Gold (30)
Natural
Natural
Tray
2040727-6
Gold (30)
Black
Black
Tray
2040727-7
Gold (30)
Black
Natural
Tray
DDR3 SO DIMM 204 position Right Angle Surface Mount 5.2mm Height
Part Number
Std Keying
Part Number
Rvs Keying
Contact
Plating
Housing
Color
Boss
Packaging
2013289-1
2013290-1
Gold flash
Black
With
Tray
2013289-2
2013290-2
Gold (10)
Black
With
Tray
2013289-3
2013290-3
Gold (30)
Black
With
Tray
2-2013289-1
2-2013290-1
Gold flash
Black
With
Reel
2-2013289-2
2-2013290-2
Gold (10)
Black
With
Reel
2-2013289-3
2-2013290-3
Gold (30)
Black
With
Reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com