Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE44708 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44708
Description  TNC Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44708 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44708 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44708 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
Configuration
Connector
TNC Male
Connector Interface Type
PE-SR405AL,PE-SR405FL,PE-SR405FLJ,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.764 [19.41]
Width/Dia., in [mm]
0.591 [15.01]
.
Connector
Type
TNC Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-
SR405FLJ, RG405 PE44708
URL:
http://www.pasternack.com/tnc-male-standard-pe-sr405al-pe-sr405fl-pe-sr405flj-connector-pe44708-p.aspx
PE44708
PE44708 REV
TNC Male Precision Connector Solder Attachment For
PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405


Similar Part No. - PE44708

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4470 PASTERNACK-PE4470 Datasheet
229Kb / 3P
TNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4470 PASTERNACK-PE4470 Datasheet
324Kb / 3P
TNC Male Connector Solder Attachment
PE44700 PASTERNACK-PE44700 Datasheet
859Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44702 PASTERNACK-PE44702 Datasheet
851Kb / 3P
N Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results

Similar Description - PE44708

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4649 PASTERNACK-PE4649 Datasheet
231Kb / 3P
TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44704 PASTERNACK-PE44704 Datasheet
847Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44690 PASTERNACK-PE44690 Datasheet
290Kb / 3P
SMA Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44692 PASTERNACK-PE44692 Datasheet
1Mb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44694 PASTERNACK-PE44694 Datasheet
871Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44700 PASTERNACK-PE44700 Datasheet
859Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44710 PASTERNACK-PE44710 Datasheet
843Kb / 3P
TNC Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44712 PASTERNACK-PE44712 Datasheet
875Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44714 PASTERNACK-PE44714 Datasheet
237Kb / 3P
TNC Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44796 PASTERNACK-PE44796 Datasheet
216Kb / 2P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com