Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE44711 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44711
Description  TNC Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44711 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44711 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44711 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44711 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402 from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL,
PE-SR402FLJ, RG402 PE44711
URL: http://www.pasternack.com/tnc-male-standard-pe-sr402al-pe-sr402fl-pe-sr402flj-connector-pe44711-p.aspx
TNC Male Right Angle Precision Connector Solder Attachment
For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44711
PE44711 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com