Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-15-12 Datasheet(PDF) 3 Page - CUI INC

Part # VOF-15-12
Description  AC-DC POWER SUPPLY - 13
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-15-12 Datasheet(HTML) 3 Page - CUI INC

  VOF-15-12 Datasheet HTML 1Page - CUI INC VOF-15-12 Datasheet HTML 2Page - CUI INC VOF-15-12 Datasheet HTML 3Page - CUI INC VOF-15-12 Datasheet HTML 4Page - CUI INC VOF-15-12 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VOF-15 │ DESCRIPTION: AC-DC POWER SUPPLY
date
08/16/2012
│ page 3 of 5
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.76 x 1.91 x 1.02 (70 x 49 x 26 mm)
inch
cooling method
free air convection (see derating curve below)
DERATING CURVES
90
264
Input Voltage Vac
85
0
0
20
60
40
80
100
220
220
100
80
40
60
20
0
100
80
40
60
20
0
0
85
110
Input Voltage Vac
Ambient temperature (°C)
264
120
MOUNTING METHOD
2. output power vs. input voltage
1. output power vs. ambient temp.
a. 3.3, 5 V models
b. all other models
Horizontal
(performance evaluations conducted under this mounting method)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com