Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31442 Datasheet(PDF) 22 Page - Tyco Electronics

Part # 31442
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31442 Datasheet(HTML) 22 Page - Tyco Electronics

Back Button 31442 Datasheet HTML 18Page - Tyco Electronics 31442 Datasheet HTML 19Page - Tyco Electronics 31442 Datasheet HTML 20Page - Tyco Electronics 31442 Datasheet HTML 21Page - Tyco Electronics 31442 Datasheet HTML 22Page - Tyco Electronics 31442 Datasheet HTML 23Page - Tyco Electronics 31442 Datasheet HTML 24Page - Tyco Electronics 31442 Datasheet HTML 25Page - Tyco Electronics 31442 Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
22
Heavy Duty Ring Tongue Terminals
Wire Size
Dimensions
Material
Wire Barrel I.D. Min.
Part Numbers
Circular Mils
Stud
Style
L
E
C
W
Thickness
Solistrand
Budget
Solistrand
Budget
[mm2]
Size
Max.
Max.
Max.
4
A
.630
.487
.219
.281
.050
—
.110
—
33728
16.00
12.37
5.56
7.14
1.27
2.79
A
.630
.487
.219
.281
.050
—
.110
—
33729
6
16.00
12.37
5.56
7.14
1.27
2.79
M3.5
A
.723
.549
.281
.343
.050
.105
.110
0-
322833-1
33716
18.36
13.94
7.14
8.71
1.27
2.67
2.79
8
A
.723
.549
.281
.343
.050
.105
.110
10-
35432-1
33717
M4
18.36
13.94
7.14
8.71
1.27
2.67
2.79
A
.723
.549
.281
.343
.050
.105
.110
10-34567*1
33718
18.36
13.94
7.14
8.71
1.27
2.67
2.79
12-34567-1
10
A
.865
.612
.344
.500
.050
—
.110
—
34967
21.97
15.54
8.74
12.70
1.27
2.79
A
.973
.705
.437
.531
.050
—
.110
—
33646
24.71
17.91
11.10
13.49
1.27
2.79
A
.865
.612
.344
.500
.050
.105
.110
01-35775*1
34968
1/4
21.97
15.54
8.74
12.70
1.27
2.67
2.79
12-35775-1
16–14
M6
A
.973
.705
.437
.531
.050
—
.110
—
33195
2,050–5,180
24.71
17.91
11.10
13.49
1.27
2.79
[1.04–2.62]
A
.865
.612
.344
.500
.050
.105
.110
01-
35776-1
34969
5/16
21.97
15.54
8.74
12.70
1.27
2.67
2.79
M8
A
.973
.705
.437
.531
.050
—
.110
—
33647
24.71
17.91
11.10
13.49
1.27
2.79
A
.973
.705
.437
.531
.050
.105
.110
0-
322832-1
33648
24.71
17.91
11.10
13.49
1.27
2.67
2.79
3/8
A
1.271
.893
.625
.750
.050
.105
.110
0-
327732-1
34829
32.28
22.68
15.88
19.05
1.27
2.67
2.79
A
1.271
.893
.625
.750
.050
.105
.110
0-
321165*1
34830
1/2
32.28
22.68
15.88
19.05
1.27
2.67
2.79
M12
A
1.896
1.268
1.000
1.250
.050
—
.110
—
36199
48.16
32.21
25.40
31.75
1.27
2.79
5/8
A
1.896
1.268
1.000
1.250
.050
.105
.110
0-
320758-1
36200
M16
48.16
32.21
25.40
31.75
1.27
2.67
2.79
3/4
A
1.896
1.268
1.000
1.250
.050
.105
.110
0-
320759-1
36201
48.16
32.21
25.40
31.75
1.27
2.67
2.79
10
C
1.273
.977
.443
.587
.095
.177
—
0-
331414-1
—
32.33
24.82
11.25
14.91
2.41
4.50
8
C
.949
.696
.240
.500
.095
.177
—
0-
330968-1
—
13,100–20,800
1/4
24.10
17.68
6.10
12.70
2.41
4.50
[6.64–10.5]
M6
C
.933
.696
.250
.468
.095
.177
—
0-
332042-1
—
23.70
17.68
6.35
11.89
2.41
4.50
5/16
C
1.273
.977
.443
.587
.095
.177
—
1-331414-1
—
M8
32.33
24.82
11.25
14.91
2.41
4.50
Note: Part numbers are shown as loose piece over tape mounted product.
*Part numbers are available in small quantity packages.
Wire Size Range
AWG 16 to 8,
CMA 2,050 to 20,800
[1.04 to 10.5 mm2]
Material
Terminal Body — Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com