Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS40
Description  General-purpose Schottky diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS40 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS40_13 Datasheet HTML 1Page - NXP Semiconductors BAS40_13 Datasheet HTML 2Page - NXP Semiconductors BAS40_13 Datasheet HTML 3Page - NXP Semiconductors BAS40_13 Datasheet HTML 4Page - NXP Semiconductors BAS40_13 Datasheet HTML 5Page - NXP Semiconductors BAS40_13 Datasheet HTML 6Page - NXP Semiconductors BAS40_13 Datasheet HTML 7Page - NXP Semiconductors BAS40_13 Datasheet HTML 8Page - NXP Semiconductors BAS40_13 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
BAS40_1PSXXSB4X_SER_8
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 13 January 2010
2 of 21
NXP Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
1.2 Features
1.3 Applications
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
2.
Pinning information
High switching speed
Low leakage current
High breakdown voltage
Low capacitance
Ultra high-speed switching
Voltage clamping
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
-
-
120
mA
VF
forward voltage
IF =1mA
[1] --380
mV
VR
reverse voltage
-
-
40
V
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
BAS40H; 1PS76SB40; 1PS79SB40
1
cathode
[1]
2
anode
BAS40L
1
cathode
[1]
2
anode
BAS40; BAS40W; 1PS70SB40
1
anode
2
not connected
3
cathode
001aab540
12
sym001
12
2
1
Transparent
top view
sym001
12
006aaa144
12
3
006aaa436
1
3
2
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com