Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # BCP53
Description  80 V, 1 A PNP medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP53 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button BCP53_13 Datasheet HTML 14Page - NXP Semiconductors BCP53_13 Datasheet HTML 15Page - NXP Semiconductors BCP53_13 Datasheet HTML 16Page - NXP Semiconductors BCP53_13 Datasheet HTML 17Page - NXP Semiconductors BCP53_13 Datasheet HTML 18Page - NXP Semiconductors BCP53_13 Datasheet HTML 19Page - NXP Semiconductors BCP53_13 Datasheet HTML 20Page - NXP Semiconductors BCP53_13 Datasheet HTML 21Page - NXP Semiconductors BCP53_13 Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
BCP53_BCX53_BC53PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 19 October 2011
19 of 22
NXP Semiconductors
BCP53; BCX53; BC53PA
80 V, 1 A PNP medium power transistors
12. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
BCP53_BCX53_BC53PA v.9
20111019
Product data sheet
-
BCP640_BCX53_BCX53 v.8
Modifications:
Type number removed: BC640
Type numbers added: BC53PA, BC53-10PA and BC53-16PA
• Section 1 “Product profile”: updated
• Table 6, 7 and 8: updated according to latest measurements
• Figure 1, 2, 4, 5, 7, 8, 9, 15, 17 and 18 : updated
• Figure 3, 6, 10 to 14: added
• Section 8 “Test information”: added
• Section 10 “Packing information”: updated
• Section 11 “Soldering”: added
• Section 13 “Legal information”: updated
BCP640_BCX53_BCX53 v.8
20080222
Product data sheet
-
BC640_BCP53_BCX53 v.7
BC640_BCP53_BCX53 v.7
20070627
Product data sheet
-
BC640_BCP53_BCX53 v.6
BC640_BCP53_BCX53 v.6
20060313
Product data sheet
-
BC636_638_640 v.5
BCP51_52_53 v.5
BCX51_52_53 v.4
BC636_638_640 v.5
20041011
Product specification
-
BC636_638_640 v.4
BCP51_52_53 v.5
20030206
Product specification
-
BCP51_52_53 v.4
BCX51_52_53 v.4
20011010
Product specification
-
BCX51_52_53 v.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com