Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD183 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD183
Description  NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD183 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD183 Datasheet HTML 1Page - Comset Semiconductor BD183 Datasheet HTML 2Page - Comset Semiconductor BD183 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD181 – BD182 – BD183
18/10/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
IEBO
Emitter-Base Cutoff Current
VEB= 7 V, IC=0
BD181
-
-
5.0
A
BD182
-
-
BD183
-
-
ICBO
Collector-Base Cutoff
Current
VCB=45 V
Tj=200°C
BD181
-
-
2.0
mA
VCB=60 V
Tj=200°C
BD182
-
-
5.0
VCB=80 V
Tj=200°C
BD183
-
-
5.0
VCEO(BR)
Collector-Emitter Breakdown
Voltage (*)
IC=200 mA, IB=0
BD181
45
-
-
V
BD182
60
-
-
BD183
80
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=3 A, IB=0.3 A
BD181
-
-
1.0
V
IC=4 A, IB=0.4 A
BD182
-
-
1.0
IC=3 A, IB=0.3 A
BD183
-
-
1.0
VBR(CER)
Collector-Emitter Breakdown
Voltage (*)
IC=200 mA
RBE=100 Ω
BD181
55
-
-
V
BD182
70
-
-
BD183
85
-
-
fhfe
Collector-Emitter Breakdown
Voltage (*)
VCE=4.0 V, IC=3.0 A
BD181
15
-
-
kHz
BD182
BD183
hFE
Static forward current
transfer ratio (*)
VCE=4.0 V, IC=3.0 A
BD181
20
-
70
-
VCE=4.0 V, IC=4.0 A
BD182
20
-
70
VCE=4.0 V, IC=3.0 A
BD183
20
-
70
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com