Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4081AIP Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP4081AIP
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4081AIP Datasheet(HTML) 3 Page - Intersil Corporation

  HIP4081AIP Datasheet HTML 1Page - Intersil Corporation HIP4081AIP Datasheet HTML 2Page - Intersil Corporation HIP4081AIP Datasheet HTML 3Page - Intersil Corporation HIP4081AIP Datasheet HTML 4Page - Intersil Corporation HIP4081AIP Datasheet HTML 5Page - Intersil Corporation HIP4081AIP Datasheet HTML 6Page - Intersil Corporation HIP4081AIP Datasheet HTML 7Page - Intersil Corporation HIP4081AIP Datasheet HTML 8Page - Intersil Corporation HIP4081AIP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Typical Application (PWM Mode Switching)
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1 BHB
BHI
DIS
VSS
BLI
ALI
HDEL
AHI
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
80V
12V
+
-
12V
DIS
GND
6V
GND
TO OPTIONAL
CURRENT CONTROLLER
PWM
LOAD
INPUT
HIP4081A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com