Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7660CBAZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # 7660CBAZ
Description  CMOS Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7660CBAZ Datasheet(HTML) 5 Page - Intersil Corporation

  7660CBAZ Datasheet HTML 1Page - Intersil Corporation 7660CBAZ Datasheet HTML 2Page - Intersil Corporation 7660CBAZ Datasheet HTML 3Page - Intersil Corporation 7660CBAZ Datasheet HTML 4Page - Intersil Corporation 7660CBAZ Datasheet HTML 5Page - Intersil Corporation 7660CBAZ Datasheet HTML 6Page - Intersil Corporation 7660CBAZ Datasheet HTML 7Page - Intersil Corporation 7660CBAZ Datasheet HTML 8Page - Intersil Corporation 7660CBAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN3072.7
October 10, 2005
FIGURE 3. OUTPUT SOURCE RESISTANCE AS A FUNCTION
OF TEMPERATURE
FIGURE 4. POWER CONVERSION EFFICIENCY AS A
FUNCTION OF OSC. FREQUENCY
FIGURE 5. FREQUENCY OF OSCILLATION AS A FUNCTION
OF EXTERNAL OSC. CAPACITANCE
FIGURE 6. UNLOADED OSCILLATOR FREQUENCY AS A
FUNCTION OF TEMPERATURE
FIGURE 7. OUTPUT VOLTAGE AS A FUNCTION OF OUTPUT
CURRENT
FIGURE 8. SUPPLY CURRENT AND POWER CONVERSION
EFFICIENCY AS A FUNCTION OF LOAD
CURRENT
Typical Performance Curves (Test Circuit of Figure 11) (Continued)
350
300
250
200
150
100
50
0
-55
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
IOUT = 1mA
V+ = +2V
V+ = 5V
TA = 25°C
IOUT = 1mA
IOUT = 15mA
100
98
96
94
92
90
88
86
84
82
80
100
1K
10K
OSC. FREQUENCY fOSC (Hz)
V+ = +5V
10K
1K
100
10
V+ = 5V
TA = 25°C
1.0
10
100
1000
10K
COSC (pF)
20
18
16
14
12
10
8
6
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
V
+ = +5V
TA = 25°C
V+ = +5V
5
4
3
2
1
0
-1
-2
-3
-4
-5
LOAD CURRENT IL (mA)
SLOPE 55
Ω
0
102030405060
70
80
PEFF
I+
TA = 25°C
V+ = +5V
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
0
102030
4050
60
LOAD CURRENT IL (mA)
ICL7660, ICL7660A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com