Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRVS142X02F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STRVS142X02F
Description  ST repetitive voltage suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS142X02F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STRVS142X02F Datasheet HTML 3Page - STMicroelectronics STRVS142X02F Datasheet HTML 4Page - STMicroelectronics STRVS142X02F Datasheet HTML 5Page - STMicroelectronics STRVS142X02F Datasheet HTML 6Page - STMicroelectronics STRVS142X02F Datasheet HTML 7Page - STMicroelectronics STRVS142X02F Datasheet HTML 8Page - STMicroelectronics STRVS142X02F Datasheet HTML 9Page - STMicroelectronics STRVS142X02F Datasheet HTML 10Page - STMicroelectronics STRVS142X02F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID023950 Rev 2
7/13
STRVSX
Package information
2
Package information
Epoxy meets UL94, V0
Lead-free package
Polarity: band indicates cathode
Terminals: solder plated, solderable as per MIL-STD-750, method 2026
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 20. SMB dimension definitions
Table 5. SMB dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
L
0.75
1.50
0.030
0.059
E
C
L
E1
D
A1
A2
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com