Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRVS185X02B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STRVS185X02B
Description  ST repetitive voltage suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS185X02B Datasheet(HTML) 3 Page - STMicroelectronics

  STRVS185X02B Datasheet HTML 1Page - STMicroelectronics STRVS185X02B Datasheet HTML 2Page - STMicroelectronics STRVS185X02B Datasheet HTML 3Page - STMicroelectronics STRVS185X02B Datasheet HTML 4Page - STMicroelectronics STRVS185X02B Datasheet HTML 5Page - STMicroelectronics STRVS185X02B Datasheet HTML 6Page - STMicroelectronics STRVS185X02B Datasheet HTML 7Page - STMicroelectronics STRVS185X02B Datasheet HTML 8Page - STMicroelectronics STRVS185X02B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID023950 Rev 2
3/13
STRVSX
Characteristics
Figure 1. Electrical characteristics - definitions
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
V
V
=
Clamping voltage at I
PP
=
Clamping voltage where R line
d
crosses current axis
I
=
Peak pulse current
BR
RM
RM
RM
CL
CL0
PP
V
I
VCL
V
V
BR
CL0
VRM
IF
VF
I
I
RM
R
IPP
Slope: V/I = Rd
I
=
Forward current
F
V
=
Forward voltage
F
R
αT
=
Dynamic resistance
=
Voltage temperature coefficient on V
BR
d
Table 4. Electrical characteristics - values
Order code
IRM max @ VRM
(25 °C)
VBR @ IR
(1) (25 °C)
Values @ 125 °C (typ.)
T
Min.
Max.
IPP
VCL @ Ipp
VCL0
Rd
(2)
Max.
µA
V
V
mA
A
V
V
10-4/°C
STRVS118X02C
0.2
85
95
105
1
2
118
116
1.0
10.6
STRVS142X02F
1
102
114
126
1
2
142
140
1.0
10.7
STRVS182X02F
1
128
143
158
1
2
182
177
2.5
10.8
STRVS185X02B/E
0.2
128
143
158
1
2
185
178
2.5
10.8
STRVS222X02F
1
154
171
189
1
2
222
213
4.5
10.8
STRVS225X02E
0.5
154
171
189
1
2
225
214
5.5
10.8
STRVS241X02E
0.5
171
190
210
1
2
241
234
3.5
10.8
STRVS248X02C
0.5
171
190
210
1
2
248
238
5.0
10.8
STRVS252X02F
1
171
190
210
1
2
252
239
6.5
10.8
STRVS280X02F
1
188
209
231
1
2
280
263
8.5
10.8
1. To calculate VBR at a given junction temperature, use the following formula: VBR @ Tj = VBR @ 25 °C x (1 +
T x (T
j - 25))
2. Rd = (VCL - VCL0)/IPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com